전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903AVQPWRQ1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2903AVQPWRQ1
상세설명  DUAL DIFFERENTIAL COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903AVQPWRQ1 데이터시트(HTML) 3 Page - Texas Instruments

  LM2903AVQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2903AVQPWRQ1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM2903Q1
DUAL DIFFERENTIAL COMPARATORS
SLCS141D − MAY 2003 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
= 1.4 V,
Non-A devices
25
°C
2
7
VIO
Input offset voltage
VO = 1.4 V,
VIC = VIC(min),
Non-A devices
Full range
15
mV
VIO
Input offset voltage
O
VIC = VIC(min),
VCC = 5 V to MAX‡
A-suffix devices
25
°C
1
2
mV
VCC = 5 V to MAX‡
A-suffix devices
Full range
4
IIO
Input offset current
VO = 1.4 V
25
°C
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
200
nA
IIB
Input bias current
VO = 1.4 V
25
°C
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
nA
VICR
Common-mode
§
25
°C
0 to
VCC−1.5
V
VICR
Common-mode
input voltage range§
Full range
0 to
VCC−2
V
AVD
Large-signal
differential-voltage
amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
25
100
V/mV
IOH
High-level
VOH = 5 V
VID = 1 V
25
°C
0.1
50
nA
IOH
High-level
output current
VOH = VCC MAX‡
VID = 1 V
Full range
1
µA
VOL
Low-level
IOL = 4 mA,
VID = −1 V
25
°C
150
400
mV
VOL
Low-level
output voltage
IOL = 4 mA,
VID = −1 V
Full range
700
mV
IOL
Low-level
output current
VOL = 1.5 V,
VID = −1 V
25
°C
6
mA
ICC
Supply current
RL = ∞
VCC = 5 V
25
°C
0.8
1
mA
ICC
Supply current
RL = ∞
VCC = MAX‡
Full range
2.5
mA
† Full range (MIN or MAX) for LM2903Q is −40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless
otherwise specified.
‡ VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices.
§ The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage
range is VCC+ − 1.5 V, but either or both inputs can go to 30 V (32 V for V-suffix devices) without damage.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
100-mV input step with 5-mV overdrive
1.3
µs
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF¶, See Note 5
TTL-level input step
0.3
µs
¶ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.


유사한 부품 번호 - LM2903AVQPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2903AVQPWRQ1 TI1-LM2903AVQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903AVQPWRQ1 TI1-LM2903AVQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903AVQPWRQ1 TI1-LM2903AVQPWRQ1 Datasheet
428Kb / 18P
[Old version datasheet]   LM2903-Q1 Dual Differential Comparators
LM2903AVQPWRQ1 TI1-LM2903AVQPWRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Differential Comparators
LM2903AVQPWRQ1 TI1-LM2903AVQPWRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
More results

유사한 설명 - LM2903AVQPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com