전자부품 데이터시트 검색엔진 |
|
LM4040A25IDBZT 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
LM4040A25IDBZT 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 55 page LM4040 www.ti.com .................................................................................................................................................. SLOS456K – JANUARY 2005 – REVISED MARCH 2008 ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) SC-70 (DCK) Reel of 3000 LM4040B20IDCKR MT_ Reel of 3000 LM4040B20IDBZR SOT-23-3 (DBZ) 4MD_ 2.048 V Reel of 250 LM4040B20IDBZT Bulk of 1000 LM4040B20ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B20ILPR SC-70 (DCK) Reel of 3000 LM4040B25IDCKR P3_ Reel of 3000 LM4040B25IDBZR SOT-23-3 (DBZ) 4NH_ 2.5 V Reel of 250 LM4040B25IDBZT Bulk of 1000 LM4040B25ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B25ILPR SC-70 (DCK) Reel of 3000 LM4040B30IDCKR PA_ Reel of 3000 LM4040B30IDBZR SOT-23-3 (DBZ) 4M7_ 3 V Reel of 250 LM4040B30IDBZT Bulk of 1000 LM4040B30ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B30ILPR B grade: SC-70 (DCK) Reel of 3000 LM4040B41IDCKR P5_ 0.2% initial Reel of 3000 LM4040B41IDBZR accuracy SOT-23-3 (DBZ) 4M3_ –40°C to 85°C and 4.096 V Reel of 250 LM4040B41IDBZT 100 ppm/°C Bulk of 1000 LM4040B41ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B41ILPR coefficient SC-70 (DCK) Reel of 3000 LM4040B50IDCKR MX_ Reel of 3000 LM4040B50IDBZR SOT-23-3 (DBZ) 4NB_ 5 V Reel of 250 LM4040B50IDBZT Bulk of 1000 LM4040B50ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B50ILPR SC-70 (DCK) Reel of 3000 LM4040B82IDCKR PE_ Reel of 3000 LM4040B82IDBZR SOT-23-3 (DBZ) 4NM_ 8.192 V Reel of 250 LM4040B82IDBZT Bulk of 1000 LM4040B82ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B82ILPR SC-70 (DCK) Reel of 3000 LM4040B10IDCKR PJ_ Reel of 3000 LM4040B10IDBZR SOT-23-3 (DBZ) 4NR_ 10 V Reel of 250 LM4040B10IDBZT Bulk of 1000 LM4040B10ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040B10ILPR Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 3 |
유사한 부품 번호 - LM4040A25IDBZT |
|
유사한 설명 - LM4040A25IDBZT |