전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4041AIZ-1.2 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM4041AIZ-1.2
상세설명  LM4041 Precision Micropower Shunt Voltage Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041AIZ-1.2 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM4041AIZ-1.2 Datasheet HTML 6Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 7Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 8Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 9Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 10Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 11Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 12Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 13Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM4041-ADJ (Adjustable)
Electrical Characteristics (Extended Temperature Range) (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax −TA)/θJA or the
number given in the Absolute Maximum Ratings, whichever is lower. For the LM4041, TJmax = 125˚C, and the typical thermal resistance (θJA), when board mounted,
is 326˚C/W for the SOT-23 package, 415˚C/W for the SC70 package and 180˚C/W with 0.4" lead length and 170˚C/W with 0.125" lead length for the TO-92 package.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin. All pins are rated at 2kV for Human Body Model, but the feedback pin which is rated at 1kV.
Note 4: Typicals are at TJ = 25˚C and represent most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQC) methods.
The limits are used to calculate National’s AOQL.
Note 6: The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance
±[(
∆VRv∆T)(max ∆T)(VR)]. Where, ∆VR/∆T is the VR temperature coefficient, max∆T is the maximum difference in temperature from the reference point of 25 ˚C
to T MAX or TMIN, and VR is the reverse breakdown voltage. The total over-temperature tolerance for the different grades in the industrial temperature range where
max
∆T=65˚C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/˚C x 65˚C
B-grade: ±0.85% = ±0.2% ±100 ppm/˚C x 65˚C
C-grade: ±1.15% = ±0.5% ±100 ppm/˚C x 65˚C
D-grade: ±1.98% = ±1.0% ±150 ppm/˚C x 65˚C
E-grade: ±2.98% = ±2.0% ±150 ppm/˚C x 65˚C
The total over-temperature tolerance for the different grades in the extended temperature range where max
∆T = 100 ˚C is shown below:
B-grade: ±1.2% = ±0.2% ±100 ppm/˚C x 100˚C
C-grade: ±1.5% = ±0.5% ±100 ppm/˚C x 100˚C
D-grade: ±2.5% = ±1.0% ±150 ppm/˚C x 100˚C
E-grade: ±4.5% = ±2.0% ±150 ppm/˚C x 100˚C
Therefore, as an example, the A-grade LM4041-1.2 has an over-temperature Reverse Breakdown Voltage tolerance of ±1.2V x 0.75% = ±9.2 mV.
Note 7: When VOUT ≤ 1.6V, the LM4041-ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of the die attach between
the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical Performance Characteristics section.
Note 8: Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves.
Note 9: Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change must be taken into
account separately.-
Note 10: Thermal hysteresis is defined as the difference in voltage measured at +25˚C after cycling to temperature -40˚C and the 25˚C measurement after cycling
to temperature +125˚C.
www.national.com
9


유사한 부품 번호 - LM4041AIZ-1.2

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4041AIZ-1.2 NSC-LM4041AIZ-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041AIZ-1.2/NOPB TI1-LM4041AIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIZ-1.2/NOPB TI1-LM4041AIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIZ-1.2/NOPB TI1-LM4041AIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIZ-1.2NOPB TI1-LM4041AIZ-1.2NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

유사한 설명 - LM4041AIZ-1.2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com