전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4041BIZ-1.2 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM4041BIZ-1.2
상세설명  LM4041 Precision Micropower Shunt Voltage Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041BIZ-1.2 데이터시트(HTML) 5 Page - Texas Instruments

  LM4041BIZ-1.2 Datasheet HTML 1Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 2Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 3Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 4Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 5Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 6Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 7Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 8Page - Texas Instruments LM4041BIZ-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
20 mA
Forward Current
10 mA
Maximum Output Voltage
(LM4041-ADJ)
15V
Power Dissipation (T
A = 25˚C) (Note 2)
M3 Package
306 mW
Z Package
550 mW
M7 Package
241mW
Storage Temperature
−65˚C to +150˚C
Lead Temperature
M3 Packages
Vapor phase (60 seconds)
+215˚C
Infrared (15 seconds)
+220˚C
Z Package
Soldering (10 seconds)
+260˚C
ESD Susceptibility
Human Body Model (Note 3)
2 kV
Machine Model (Note 3)
200V
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Operating Ratings(Notes 1, 2)
Temperature Range
(T
min
≤ T
A
≤ T
max)
Industrial Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Extended Temperature Range
−40˚C
≤ T
A
≤ +125˚C
Reverse Current
LM4041-1.2
60 µA to 12 mA
LM4041-ADJ
60 µA to 12 mA
Output Voltage Range
LM4041-ADJ
1.24V to 10V
LM4041-1.2
Electrical Characteristics (Industrial Temperature Range)
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A and B designate initial Re-
verse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4041AIM3
LM4041AIZ
Limits
(Note 5)
LM4041BIM3
LM4041BIZ
LM4041BIM7
Limits
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown Voltage
I
R = 100 µA
1.225
V
Reverse Breakdown Voltage
I
R = 100 µA
±1.2
±2.4
mV (max)
Tolerance (Note 6)
±9.2
±10.4
mV (max)
I
RMIN
Minimum Operating Current
45
µA
60
60
µA (max)
65
65
µA (max)
∆V
R/
∆T Average Reverse Breakdown
Voltage Temperature
Coefficient (Note 6)
I
R=10mA
±20
ppm/˚C
I
R =1mA
±15
±100
±100
ppm/˚C (max)
I
R = 100 µA
±15
ppm/˚C
∆V
R/
∆I
R
Reverse Breakdown Voltage
Change with Operating
Current Change
(Note 9)
I
RMIN
≤ I
R
≤ 1 mA
0.7
mV
1.5
1.5
mV (max)
2.0
2.0
mV (max)
1mA
≤ I
R
≤ 12 mA
4.0
mV
6.0
6.0
mV (max)
8.0
8.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1 mA, f = 120 Hz,
0.5
I
AC= 0.1 IR
1.5
1.5
Ω (max)
e
N
Wideband Noise
I
R = 100 µA
20
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Reverse Breakdown Voltage
Long Term Stability
t = 1000 hrs
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
V
HYST
Thermal Hysteresis
(Note 10)
∆T = −40˚C to +125˚C
0.08
%
www.national.com
4


유사한 부품 번호 - LM4041BIZ-1.2

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4041BIZ-1.2 NSC-LM4041BIZ-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041BIZ-1.2/NOPB TI1-LM4041BIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIZ-1.2/NOPB TI1-LM4041BIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIZ-1.2/NOPB TI1-LM4041BIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIZ-1.2NOPB TI1-LM4041BIZ-1.2NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

유사한 설명 - LM4041BIZ-1.2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com