전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74SSTUB32864 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74SSTUB32864
상세설명  25-BIT CONFIGURABLE REGISTERED BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTUB32864 데이터시트(HTML) 2 Page - Texas Instruments

  SN74SSTUB32864 Datasheet HTML 1Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 2Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 3Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 4Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 5Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 6Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 7Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 8Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
SN74SSTUB32864
SCAS791A – OCTOBER 2006 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The device also supports low-power active operation by monitoring both system chip select (DCS and CSR)
inputs and gates the Qn outputs from changing states when both DCS and CSR inputs are high. If either DCS or
CSR input is low, the Qn outputs function normally. The RESET input has priority over the DCS and CSR control
and, when driven low, forces the Qn outputs low. If the DCS control functionality is not desired, the CSR input
can be hard-wired to ground, in which case the setup-time requirement for DCS is the same as for the other D
data inputs. To control the low-power mode with DCS only, the CSR input should be pulled up to VCC through a
pullup resistor.
The two VREF pins (A3 and T3) are connected together internally by approximately 150Ω. However, it is
necessary to connect only one of the two VREF pins to the external VREF power supply. An unused VREF pin
should be terminated with a VREF coupling capacitor.
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74SSTUB32864


유사한 부품 번호 - SN74SSTUB32864

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74SSTUB32864NMJR TI-SN74SSTUB32864NMJR Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864ZKER TI-SN74SSTUB32864ZKER Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
More results

유사한 설명 - SN74SSTUB32864

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74SSTUB32864A TI1-74SSTUB32864A Datasheet
519Kb / 19P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Texas Instruments
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
   25-Bit Configurable Registered Buffer for DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAH32865A IDT-ICSSSTUAH32865A Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866C IDT-ICSSSTUAF32866C Datasheet
638Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32866B RENESAS-IDT74SSTUBF32866B Datasheet
818Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com