전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG20J 데이터시트(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

부품명 BYG20J
상세설명  Fast Silicon Mesa SMD Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
홈페이지  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG20J 데이터시트(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG20J Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG20J Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BYG20D THRU BYG20J
Figure 5. Thermal Response
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
0
40
80
120
160
0.01
0.1
1
10
100
Tj – Junction Temperature ( °C )
200
94 9341
VR =VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9340
40
80
120
160
200
125K/W
RthJA=25K/W
100K/W
150K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
01
2
3
4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
94 9342
Tj =25°C
Tj =75°C
Tj = 125°C
Figure 3. Max. Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
0
100
200
300
400
600
IF – Forward Current ( A )
1.0
94 9343
500
25
°C
75
°C
100
°C
Tamb= 125°C
50
°C
IR=0.5A, iR=0.125A
Figure 4. Max. Reverse Recovery Time vs.
Forward Current
1
10
100
1000
tp – Pulse Length ( s )
94 9339
10–5
10–4
10–3
10–2
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
125K/W DC
200V-600V
1.5A
BYG20D THRU BYG20J
Fast Silicon Mesa SMD Rectifier


유사한 부품 번호 - BYG20J

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG20J VISHAY-BYG20J Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Luguang Electr...
BYG20J LUGUANG-BYG20J Datasheet
1Mb / 2P
   Ultra Fast SMD Rectifiers
logo
Vishay Siliconix
BYG20J VISHAY-BYG20J Datasheet
108Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG20J VISHAY-BYG20J Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
logo
EIC discrete Semiconduc...
BYG20J EIC-BYG20J Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
More results

유사한 설명 - BYG20J

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
BYG22A SUNMATE-BYG22A Datasheet
363Kb / 2P
   SUPER FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com