전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN302UL 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN302UL
상세설명  PWM Controller for Low Standby Power Battery-Charger Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN302UL 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN302UL Datasheet HTML 1Page - Fairchild Semiconductor FAN302UL Datasheet HTML 2Page - Fairchild Semiconductor FAN302UL Datasheet HTML 3Page - Fairchild Semiconductor FAN302UL Datasheet HTML 4Page - Fairchild Semiconductor FAN302UL Datasheet HTML 5Page - Fairchild Semiconductor FAN302UL Datasheet HTML 6Page - Fairchild Semiconductor FAN302UL Datasheet HTML 7Page - Fairchild Semiconductor FAN302UL Datasheet HTML 8Page - Fairchild Semiconductor FAN302UL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN302UL • Rev. 1.0.3
3
Marking Information
Figure 4.Top Mark
Pin Configuration
Figure 5. Pin Assignments
Pin Definitions
Pin #
Name
Description
1
CS
Current Sense
. This pin connects a current-sense resistor to detect the MOSFET current for
Peak-Current-Mode control for output regulation. The current-sense information is also used to
estimate the output current for CC regulation.
2
GATE
PWM Signal Output
. This pin has an internal totem-pole output driver to drive the power
MOSFET. It is internally clamped at 15V.
3
VDD
Power Supply
. IC operating current and MOSFET driving current are supplied through this pin.
This pin is typically connected to an external VDD capacitor.
4
VS
Voltage Sense
. This pin detects the output voltage information and diode current discharge
time based on voltage of the auxiliary winding.
5
GND
Ground
6
FB
Feedback
. Typically, an Opto-Coupler is connected to this pin to provide feedback information
to the internal PWM comparator. This feedback is used to control the duty cycle in CV
regulation.
7
NC
No Connect
8
HV
High Voltage
. This pin connects to the DC bus for high-voltage startup.
F
- Fairchild Logo
Z: Assembly Plant Code
X: Year Code
Y: Week Code
TT: Die Run Code
T: M=SOP
P: Y= Green Package
M: Manufacture Flow Code


유사한 부품 번호 - FAN302UL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
More results

유사한 설명 - FAN302UL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com