전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN54011 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN54011
상세설명  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54011 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN54011 Datasheet HTML 6Page - Fairchild Semiconductor FAN54011 Datasheet HTML 7Page - Fairchild Semiconductor FAN54011 Datasheet HTML 8Page - Fairchild Semiconductor FAN54011 Datasheet HTML 9Page - Fairchild Semiconductor FAN54011 Datasheet HTML 10Page - Fairchild Semiconductor FAN54011 Datasheet HTML 11Page - Fairchild Semiconductor FAN54011 Datasheet HTML 12Page - Fairchild Semiconductor FAN54011 Datasheet HTML 13Page - Fairchild Semiconductor FAN54011 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
10
I
2C Timing Specifications
Guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tFDA
SDA Fall Time
Standard Mode
20+0.1CB
300
ns
Fast Mode
20+0.1CB
300
High-Speed Mode, CB < 100pF
10
80
High-Speed Mode, CB < 400pF
20
160
tSU;STO
Stop Condition Setup Time
Standard Mode
4
s
Fast Mode
600
ns
High-Speed Mode
160
ns
CB
Capacitive Load for SDA, SCL
400
pF
Timing Diagrams
START
REPEATED
START
SCL
SDA
t
F
t
HD;STA
t
LOW
t
R
t
HD;DAT
t
HIGH
T
SU;DAT
t
SU;STA
t
HD;STO
t
BUF
START
STOP
t
HD;STA
Figure 5. I
2C Interface Timing for Fast and Slow Modes
REPEATED
START
SCLH
SDAH
t
FDA
t
LOW
t
RCL1
t
HD;DAT
t
HIGH
t
SU;STO
REPEATED
START
t
RDA
t
FCL
t
SU;DAT
t
RCL
STOP
= MCS Current Source Pull-up
= R
P Resistor Pull-up
note A
Note A: First rising edge of SCLH after Repeated Start and after each ACK bit.
t
HD;STA
t
SU;STA
Figure 6. I
2C Interface Timing for High-Speed Mode


유사한 부품 번호 - FAN54011

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN54011UCX FAIRCHILD-FAN54011UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54011UCX(1) FAIRCHILD-FAN54011UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

유사한 설명 - FAN54011

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com