전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN54010UCX 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN54010UCX
상세설명  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54010UCX 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN54010UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN54010UCX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
7
Electrical Specifications
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Power Source Detection
VIN(MIN)1
VBUS Input Voltage Rising
To Initiate and Pass VBUS Validation
4.29
4.42
V
VIN(MIN)2
Minimum VBUS During Charge
During Charging
3.71
3.94
V
tVBUS_VALID
VBUS Validation Time
30
ms
Special Charger (VBUS) (FAN54013, FAN54014, FAN54015)
VSP
Special Charger Setpoint Accuracy
–3
+3
%
Input Current Limit
IINLIM
Input Current Limit Threshold
IIN Set to 100mA
88
93
98
mA
IIN Set to 500mA
450
475
500
VREF Bias Generator
VREF
Bias Regulator Voltage
VBUS > VIN(MIN) or VBAT > VBAT(MIN)
6.5
V
Short-Circuit Current Limit
20
mA
Battery Recharge Threshold
VRCH
Recharge Threshold
Below V(OREG)
100
120
150
mV
Deglitch Time
VBAT Falling Below VRCH Threshold
130
ms
STAT Output
VSTAT(OL)
STAT Output Low
ISTAT=10mA
0.4
V
ISTAT(OH)
STAT High Leakage Current
VSTAT=5V
1
A
Battery Detection
IDETECT
Battery Detection Current before
Charge Done (Sink Current)
(5)
Begins after Termination Detected
and VBAT < VOREG –VRCH
–0.80
mA
tDETECT
Battery Detection Time
262
ms
Sleep Comparator
VSLP
Sleep-Mode Entry Threshold,
VBUS – VBAT
2.3V < VBAT < VOREG, VBUS Falling
0
0.04
0.10
V
tSLP_EXIT
Deglitch Time for VBUS Rising
Above VBAT by VSLP
Rising Voltage
30
ms
Power Switches (see Figure 3)
RDS(ON)
Q3 On Resistance (VBUS to PMID)
IIN(LIMIT)=500mA
180
250
mΩ
Q1 On Resistance (PMID to SW)
130
225
Q2 On Resistance (SW to GND)
150
225
Charger PWM Modulator
fSW
Oscillator Frequency
2.7
3.0
3.3
MHz
DMAX
Maximum Duty Cycle
100
%
DMIN
Minimum Duty Cycle
0
%
ISYNC
Synchronous to Non-Synchronous
Current Cut-Off Threshold
(6)
Low-Side MOSFET (Q2) Cycle-by-
Cycle Current Limit
140
mA
Continued on the following page…


유사한 부품 번호 - FAN54010UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN54010UCX FAIRCHILD-FAN54010UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54010UCX(1) FAIRCHILD-FAN54010UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

유사한 설명 - FAN54010UCX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com