전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1963A-18QKTTRQ1Q1 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TL1963A-18QKTTRQ1Q1
상세설명  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL1963A-18QKTTRQ1Q1 데이터시트(HTML) 1 Page - Texas Instruments

  TL1963A-18QKTTRQ1Q1 Datasheet HTML 1Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 2Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 3Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 4Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 5Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 6Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 7Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 8Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
TL1963A-Q1
www.ti.com
SLVSA79 – APRIL 2010
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Check for Samples: TL1963A-Q1
1
FEATURES
Qualified for Automotive Applications
Reverse-Battery Protection
Optimized for Fast Transient Response
No Reverse Current
Output Current: 1.5 A
Thermal Limiting
Dropout Voltage: 340 mV
APPLICATIONS
Low Noise: 40 mVRMS (10 Hz to 100 kHz)
3.3-V to 2.5-V Logic Power Supplies
1-mA Quiescent Current
Post Regulator for Switching Supplies
No Protection Diodes Needed
KTT PACKAGE
Controlled Quiescent Current in Dropout
(TOP VIEW)
Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V,
and 3.3 V
Adjustable Output Voltage: 1.21 V to 20 V
Less Than 1-mA Quiescent Current in
Shutdown
Stable with 10-mF Output Capacitor
Stable with Ceramic Capacitors
DESCRIPTION/ORDERING INFORMATION
The TL1963A is a low-dropout (LDO) regulator optimized for fast transient response. The device can supply
1.5 A of output current with a dropout voltage of 340 mV. Operating quiescent current is 1 mA, dropping to less
than 1 mA in shutdown. Quiescent current is well controlled; it does not rise in dropout as it does with many other
regulators. In addition to fast transient response, the TL1963A regulators have very low output noise, which
makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21 V to 20 V. The TL1963A regulators are stable with output capacitors as low as
10 mF. Small ceramic capacitors can be used without the necessary addition of ESR, as is common with other
regulators. Internal protection circuitry includes reverse-battery protection, current limiting, thermal limiting, and
reverse-current protection. The devices are available in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, and 3.3 V,
and as an adjustable device with a 1.21-V reference voltage. The TL1963A regulators are available in the 5-pin
TO-263 (KTT), 6-pin TO-223 (DCQ), and 3-pin SOT-223 (DCY) packages.
ORDERING INFORMATION(1)
VOUT
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(TYP)
1.5 V
TL1963A-15QKTTRQ1
PREVIEW
1.8 V
TL1963A-18QKTTRQ1Q1
PREVIEW
–40°C to 125°C
2.5 V
TO-263 – KTT
Reel of 500
TL1963A-25QKTTRQ1
PREVIEW
3.3 V
TL1963A-33QKTTRQ1
PREVIEW
ADJ
TL1963AQKTTRQ1
TL1963AQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TL1963A-18QKTTRQ1Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1963A-18 TI-TL1963A-18 Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18 TI-TL1963A-18 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18 TI-TL1963A-18 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18 TI1-TL1963A-18 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18DCQR TI-TL1963A-18DCQR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

유사한 설명 - TL1963A-18QKTTRQ1Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com