전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL4050C50IDBZR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TL4050C50IDBZR
상세설명  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL4050C50IDBZR 데이터시트(HTML) 3 Page - Texas Instruments

  TL4050C50IDBZR Datasheet HTML 1Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 2Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 3Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 4Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 5Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 6Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 7Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 8Page - Texas Instruments TL4050C50IDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TL4050
www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
Reel of 3000
TL4050C25IDBZR
SOT-23-3 – DBZ
TKG_
Reel of 250
TL4050C25IDBZT
2.5 V
Reel of 3000
TL4050C25IDCKR
SC-70 – DCK
84_
Reel of 250
TL4050C25IDCKT
Reel of 3000
TL4050C41IDBZR
SOT-23-3 – DBZ
TKN_
Reel of 250
TL4050C41IDBZT
4.096 V
C grade:
Reel of 3000
TL4050C41IDCKR
0.5% initial
SC-70 – DCK
8G_
Reel of 250
TL4050C41IDCKT
accuracy and
–40°C to 85°C
50 ppm/°C
Reel of 3000
TL4050C50IDBZR
SOT-23-3 – DBZ
TKU_
temperature
Reel of 250
TL4050C50IDBZT
coefficient
5 V
Reel of 3000
TL4050C50IDCKR
SC-70 – DCK
8N_
Reel of 250
TL4050C50IDCKT
Reel of 3000
TL4050C10IDBZR
SOT-23-3 – DBZ
TK4_
Reel of 250
TL4050C10IDBZT
10 V
Reel of 3000
TL4050C10IDCKR
SC-70 – DCK
93_
Reel of 250
TL4050C10IDCKT
Reel of 3000
TL4050A25QDBZR
SOT-23-3 – DBZ
TKH_
Reel of 250
TL4050A25QDBZT
2.5 V
Reel of 3000
TL4050A25QDCKR
SC-70 – DCK
85_
Reel of 250
TL4050A25QDCKT
Reel of 3000
TL4050A41QDBZR
SOT-23-3 – DBZ
TKP_
Reel of 250
TL4050A41QDBZT
4.096 V
A grade:
Reel of 3000
TL4050A41QDCKR
0.1% initial
SC-70 – DCK
8H_
Reel of 250
TL4050A41QDCKT
accuracy and
–40°C to 125°C
50 ppm/°C
Reel of 3000
TL4050A50QDBZR
SOT-23-3 – DBZ
TKV_
temperature
Reel of 250
TL4050A50QDBZT
coefficient
5 V
Reel of 3000
TL4050A50QDCKR
SC-70 – DCK
8P_
Reel of 250
TL4050A50QDCKT
Reel of 3000
TL4050A10QDBZR
SOT-23-3 – DBZ
TK5_
Reel of 250
TL4050A10QDBZT
10 V
Reel of 3000
TL4050A10QDCKR
SC-70 – DCK
94_
Reel of 250
TL4050A10QDCKT
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL4050


유사한 부품 번호 - TL4050C50IDBZR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL4050C50IDBZR TI-TL4050C50IDBZR Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50IDBZR TI-TL4050C50IDBZR Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50IDBZR TI1-TL4050C50IDBZR Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50IDBZRG4 TI-TL4050C50IDBZRG4 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50IDBZRG4 TI-TL4050C50IDBZRG4 Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

유사한 설명 - TL4050C50IDBZR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com