전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL750L12QDR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TL750L12QDR
상세설명  LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL750L12QDR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL750L12QDR Datasheet HTML 2Page - Texas Instruments TL750L12QDR Datasheet HTML 3Page - Texas Instruments TL750L12QDR Datasheet HTML 4Page - Texas Instruments TL750L12QDR Datasheet HTML 5Page - Texas Instruments TL750L12QDR Datasheet HTML 6Page - Texas Instruments TL750L12QDR Datasheet HTML 7Page - Texas Instruments TL750L12QDR Datasheet HTML 8Page - Texas Instruments TL750L12QDR Datasheet HTML 9Page - Texas Instruments TL750L12QDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
30
20
0
100
200
40
60
300
400
500
600
0
10
50
tr = 1 ms
TA = 25°C
VI = 14 V + 46e(−t/0.230)
for t
≥ 5 ms
t − Time − ms
IL − Load Current − mA
0.2
0.1
0
0
10
0.3
0.4
0.5
0.024
0.6
0.7
0.8
0.9
1.0
Region of Best Stability
80
120
150
Potential Instability Region
CL = 10-µF Tantalum Capacitor
TA = −40°C to 125°C
Potential Instability Region
30
20
10
0
0
2
4
40
50
60
6
8
12
14
10
VI − Input Voltage − V
20
15
5
0
0
1
2
3
25
35
40
4
5
6
30
10
VI − Input Voltage − V
TL750L
TL751L
SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS
TL750L05
EQUIVALENT SERIES RESISTANCE
TRANSIENT INPUT VOLTAGE
vs
vs
LOAD CURRENT
TIME
Figure 1.
Figure 2.
TL750L05
TL750L12
INPUT CURRENT
INPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 1987–2009, Texas Instruments Incorporated


유사한 부품 번호 - TL750L12QDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL750L12QDR TI-TL750L12QDR Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L12QDR TI-TL750L12QDR Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L12QDR TI-TL750L12QDR Datasheet
923Kb / 26P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L12QDR TI1-TL750L12QDR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

유사한 설명 - TL750L12QDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com