전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJ320C80GFM50 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SMJ320C80GFM50
상세설명  DIGITAL SIGNAL PROCESSOR
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C80GFM50 데이터시트(HTML) 3 Page - Texas Instruments

  SMJ320C80GFM50 Datasheet HTML 1Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 2Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 3Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 4Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 5Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 6Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 7Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 8Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 158 page
background image
SMJ320C80
DIGITAL SIGNAL PROCESSOR
SGUS025B -- AUGUST 1998 -- REVISED JUNE 2002
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
GF Pin Assignments -- Numerical Listing
PIN
PIN
PIN
PIN
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
A5
CT1
C21
VDD
E33
HSYNC0
L5
VSS
A7
VDD
C23
W
E35
TCK
L31
VSS
A9
HACK
C25
DBEN
F2
VDD
L33
TRST
A11
VSS
C27
VSS
F4
VSS
L35
XPT1
A13
CAS/DQM7
C29
CAREA0
F8
VDD
M2
VDD
A15
CAS/DQM5
C31
CBLNK0/VBLNK0
F10
VSS
M4
VSS
A17
VDD
D2
RETRY
F12
VDD
M32
VSS
A19
VSS
D4
VDD
F14
PS0
M34
VDD
A21
RAS
D6
VSS
F16
VSS
N1
VDD
A23
DSF
D8
AS0
F18
CT2
N3
A8
A25
VSS
D10
UTIME
F20
VDD
N5
VSS
A27
SCLK1
D12
VSS
F22
VSS
N31
VSS
A29
VDD
D14
RESET
F24
VDD
N33
TMS
A31
EINT1
D16
REQ0
F26
VSS
N35
VDD
B2
NC
D18
VSS
F28
VDD
P2
A4
B4
BS1
D20
CAS/DQM0
F32
VSS
P4
A9
B6
VDD
D22
FCLK1
F34
VDD
P32
TDO
B8
PS1
D24
VSS
G1
VDD
P34
XPT0
B10
REQ1
D26
CAREA1
G3
A2
R1
VSS
B12
VDD
D28
SCLK0
G5
A1
R3
VDD
B14
CAS/DQM6
D30
VSS
G31
EINT2
R5
VDD
B16
CAS/DQM3
D32
VDD
G33
CBLNK1/VBLNK1
R31
VDD
B18
VDD
D34
VSYNC0
G35
VDD
R33
VDD
B20
CAS/DQM1
E1
AS1
H2
STATUS0
R35
VSS
B22
TRG/CAS
E3
FAULT
H4
A3
T2
A5
B24
VDD
E5
VSS
H32
CSYNC1/HBLNK1
T4
A13
B26
DDIN
E7
STATUS2
H34
TDI
T32
D62
B28
FCLK0
E9
READY
J1
STATUS1
T34
EMU0
B30
VDD
E11
BS0
J3
VSS
U1
VDD
B32
CSYNC0/HBLNK0
E13
VSS
J5
VDD
U3
A10
C3
VSS
E15
HREQ
J31
VDD
U5
PS3
C5
STATUS3
E17
CAS/DQM4
J33
VSS
U31
NC
C7
AS2
E19
RL
J35
EMU1
U33
D61
C9
VSS
E21
STATUS5
K2
STATUS4
U35
VDD
C11
CT0
E23
VSS
K4
A6
V2
VDD
C13
PS2
E25
CLKOUT
K32
VSYNC1
V4
VSS
C15
VDD
E27
LINT4
K34
HSYNC1
V32
VSS
C17
CLKIN
E29
EINT3
L1
A0
V34
VDD
C19
CAS/DQM2
E31
VSS
L3
A7
W1
A11


유사한 부품 번호 - SMJ320C80GFM50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C80GFM50 TI-SMJ320C80GFM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80GFM50 TI1-SMJ320C80GFM50 Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - SMJ320C80GFM50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com