전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320C31HFGM50 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SM320C31HFGM50
상세설명  DIGITAL SIGNAL PROCESSORS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31HFGM50 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SM320C31HFGM50 Datasheet HTML 2Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 3Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 4Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 5Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 6Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 7Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 8Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 9Page - Texas Instruments SM320C31HFGM50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Assignments (Continued)
PIN
PIN
NUMBER
NUMBER
PQ
PKG
HFG
PKG
GFA
PKG
NAME
PQ
PKG
HFG
PKG
GFA
PKG
NAME
103
86
E19
INT1
30
18
P4
VSSL†
106
89
F18
INT2
35
19
T10
VSSL†
107
90
G17
INT3
36
20
K4
DVSS
127
110
C11
MCBL/MP
37
25
T4
IVSS†
92
77
L19
R/W
42
34
G3
DVSS
95
75
N17
RDY
51
40
K16
CVSS†
94
78
K18
RESET
57
44
T8
IVSS†
118
101
A17
SHZ
61
52
T12
DVSS
93
76
M18
STRB
69
53
R11
VSSL†
120
103
B16
TCLK0
70
54
J15
VSSL†
105
C15
TCLK1
71
67
W13
DVSS
121
G5
AVDD‡
84
68
D10
CVSS†
6
130
E7
AVDD‡
85
69
D16
IVSS†
15
7
E5
AVDD‡
86
84
T16
DVSS
24
15
N5
VDDL
101
85
D12
VSSL†
32
16
R5
VDDL
102
92
F16
CVSS†
33
23
H4
DVDD‡
109
96
H16
IVSS†
40
32
J5
DVDD‡
113
100
D14
VSUBS§
49
42
T14
DVDD‡
117
102
U15
DVSS
59
48
R7
VDDL
119
111
C13
CVSS†
65
49
R9
VDDL
128
71
T18
X1
66
57
R13
DVDD‡
88
70
U19
X2/CLKIN
74
66
R15
DVDD‡
87
79
J19
XF0
83
74
P16
CVDD‡
96
81
G19
XF1
91
80
N15
CVDD‡
98
F6
No Connect
97
87
G15
VDDL
D4
DVSS
104
88
E15
VDDL
N19
DVSS
105
98
L15
PVDD‡
R17
DVSS
115
104
E9
PVDD‡
L17
DVSS
121
114
E13
VDDL
M16
DVSS
131
115
E11
VDDL
D6
DVSS
132
118
L5
VSSL†
A5
DVSS
3
119
H2
DVSS
D8
DVSS
4
132
M4
CVSS†
17
2
F4
DVSS
19
13
T6
CVSS†
† CVSS, VSSL, and IVSS are on the same plane.
‡ AVDD, DVDD, CVDD, and PVDD are on the same plane.
§ VSUBS connects to die metallization. Tie this pin to clean ground.
Not Recommended for New Designs


유사한 부품 번호 - SM320C31HFGM50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320C31HFGM50 TI-SM320C31HFGM50 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31HFGM50 TI1-SM320C31HFGM50 Datasheet
1Mb / 55P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

유사한 설명 - SM320C31HFGM50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com