전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSL126MRT 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSL126MRT
상세설명  Green-Mode Fairchild Power Switch (FPS??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL126MRT 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSL126MRT Datasheet HTML 2Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 3Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 4Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 5Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 6Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 7Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 8Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 9Page - Fairchild Semiconductor FSL126MRT Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL126MRT • Rev. 1.0.0
6
Electrical Characteristics (Continued)
TJ = 25
°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Total Device Section
IOP
Operating Supply Current,
(Control Part in Burst Mode)
VCC=14V, VFB=0V
0.3
0.4
0.5
mA
IOPS
Operating Switching Current,
(Control Part and SenseFET Part)
VCC=14V, VFB=2V
1.00
1.35
mA
ISTART
Start Current
VCC=11V (Before VCC
Reaches VSTART)
85
120
155
μA
ICH
Startup Charging Current
VCC=VFB=0V, VSTR=40V
0.7
1.0
1.3
mA
VSTR
Minimum VSTR Supply Voltage
VCC=VFB=0V, VSTR Sweep
26
V
Notes:
12. Although these parameters are guaranteed, they are not 100% tested in production.
13. Average value.
14. tLEB includes gate turn-on time.
Comparison of KA5M0265R and FSL126MRT
Function
KA5M0265RYDTU
FSL126MRT
Advantages of FSL126MRT
Random Frequency
Fluctuation
N/A
Built-in
Low EMI
Operating Current
7mA
0.4mA
Very low stand-by power
High-Voltage
Startup Circuit
N/A
Built-in
Protections
OLP
OVP
TSD
OLP
OVP
AOCP
TSD with Hysteresis
Enhanced protections and high reliability
Power Balance
Long tCLD
Very Short tCLD
The difference of input power between the
low and high input voltage is quite small.


유사한 부품 번호 - FSL126MRT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSL126MR FAIRCHILD-FSL126MR Datasheet
1Mb / 13P
   Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL126MR ONSEMI-FSL126MR Datasheet
274Kb / 13P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
More results

유사한 설명 - FSL126MRT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com