전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM34020AGBS40 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SM34020AGBS40
상세설명  GRAPHICS SYSTEM PROCESSOR
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM34020AGBS40 데이터시트(HTML) 5 Page - Texas Instruments

  SM34020AGBS40 Datasheet HTML 1Page - Texas Instruments SM34020AGBS40 Datasheet HTML 2Page - Texas Instruments SM34020AGBS40 Datasheet HTML 3Page - Texas Instruments SM34020AGBS40 Datasheet HTML 4Page - Texas Instruments SM34020AGBS40 Datasheet HTML 5Page - Texas Instruments SM34020AGBS40 Datasheet HTML 6Page - Texas Instruments SM34020AGBS40 Datasheet HTML 7Page - Texas Instruments SM34020AGBS40 Datasheet HTML 8Page - Texas Instruments SM34020AGBS40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
SM34020A
GRAPHICS SYSTEM PROCESSOR
SGUS057 − FEBRUARY 2005
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
DRAM AND VRAM CONTROL (CONTINUED)
WE
O
Write enable. The active low WE drives the WE inputs of DRAMs and VRAMs. WE can also be used as the active
low write enable to static memories and other devices connected to the SM34020A local interface. During a
local-memory read cycle, WE remains inactive high while CAS is strobed active low. During a local-memory write
cycle, WE is strobed active low before CAS. During VRAM serial-data-register transfer cycles, the state of WE at
the falling edge of RAS controls the direction of the transfer.
HOST INTERFACE
HA5 − HA31
I
Twenty-seven host address input signals. A host can access a long word by placing the address on these lines.
HA5 − HA31 correspond to LAD5 − LAD31 that output the address to the local memory.
HBS0 − HBS3
I
Four host byte selects. HBS0 − HBS3 identify which bytes within the long word are being selected.
HCS
I
Host chip select. A host drives HCS low to latch the current host address present on HA5 − HA31 and the host byte
selects on HBS0 − HBS3. HCS also enables host access cycles to the SM34020A I/O registers or local memory.
During the low-to-high transition of RESET, the level on HCS determines whether the SM34020A is halted (HCS
is high for host-present mode) or whether it begins executing its reset service routine (HCS is low for self-bootstrap
mode).
HDST
O
Host data-latch strobe. The rising edge of HDST latches data from the SM34020A local address space to the
external host data latch on host read accesses. HDST can be used in conjunction with HRDY to indicate that data
is valid in the external data latch.
HINT
O
Host Interrupt. HINT allows the SM34020A to interrupt a host by setting the INTOUT bit in the HSTCTLL I/O register.
HINT can also be used to interrupt the host if a BUSFLT or RETRY occurs due to a host access cycle.
HOE
O
Host data latch output enable. HOE enables data from host data latches to the SM34020A local address space
on host write cycles. HOE can be used in conjunction with HRDY to indicate data has been written to memory from
the external data latch.
HRDY
O
Host ready. HRDY is normally low and goes high to indicate that the SM34020A is ready to complete a host-initiated
read or write cycle. If the SM34020A is ready to accept the access request, HRDY is driven high and the host can
proceed with the access. A host can use HRDY logically combined with HDST and HOE to determine when the
local bus access cycles have completed.
HREAD
I
Host read strobe. HREAD is driven low during a read request from a host processor. This notifies the SM34020A
that the host is requesting access to the I/O registers or to local memory. HREAD should not be asserted at the
same time that HWRITE is asserted.
HWRITE
I
Host write strobe. HWRITE is driven low to indicate a write request by a host processor. This notifies the SM34020A
that a write request is pending. The rising edge of HWRITE is used to indicate that the host has latched data to
be written in the external data transceivers. HWRITE should not be asserted at the same time HREAD is asserted.
SYSTEM CONTROL
CLKIN
I
Clock input. CLKIN generates LCLK1 and LCLK2, to which all processor functions in the SM34020A are
synchronous. A separate asynchronous input clock (VCLK) controls the video timing and video registers.
LCLK1, LCLK2
O
Local output clocks. LCLK1 and LCLK2 are 90 degrees out of phase with each other. They provide convenient
synchronous control of external circuitry to the internal timing. All signals output from the SM34020A (except the
CRT timing signals) are synchronous to LCLK1 and LCLK2.
LINT1, LINT2
I
Local interrupt requests. Interrupts from external devices are transmitted to the SM34020A on LINT1 and LINT2.
Each local interrupt signal activates the request for one of two interrupt request levels. An external device generates
an interrupt request by driving the appropriate interrupt request pin to its active-low state. LINT1, LINT2 should
remain low until the SM34020A recognizes it. LINT1, LINT2 can be applied asynchronously to the SM34020A as
they are synchronized internally before use.
RESET
I
System reset. During normal operation, RESET is driven low to reset the SM34020A. When RESET is asserted
low, the SM34020A internal registers are set to an initial known state and all output and bidirectional pins are driven
either to inactive levels or to the high-impedance state. The SM34020A behavior following reset depends on the
level of the HCS input just before the low-to-high transition of RESET. If HCS is low, the SM34020A begins
executing the instructions pointed to by the reset vector. If HCS is high, the SM34020A is halted until a host
processor writes a 0 to the HLT bit in the HSTCTLL register.
† I = input, O = output
‡ For proper SM34020A operation, all VCC and VSS pins must be connected externally.
Not Recommended for New Designs


유사한 부품 번호 - SM34020AGBS40

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM34020AGBM32 TI-SM34020AGBM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI1-SM34020AGBM32 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI-SM34020AGBM40 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI1-SM34020AGBM40 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

유사한 설명 - SM34020AGBS40

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com