전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSL146MRBN 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSL146MRBN
상세설명  Green-Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL146MRBN 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSL146MRBN Datasheet HTML 1Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 2Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 3Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 4Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 5Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 6Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 7Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 8Page - Fairchild Semiconductor FSL146MRBN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL146MRBN • Rev. 1.0.0
FSL146MRBN
Green-Mode Fairchild Power Switch (FPS™)
Features
Advanced Soft Burst-Mode Operation for
Low Standby Power and Low Audible Noise
Random Frequency Fluctuation (RFF) for Low EMI
Pulse-by-Pulse Current Limit
Various Protection Functions: Overload Protection
(OLP), Over-Voltage Protection (OVP), Abnormal
Over-Current Protection (AOCP), Internal Thermal
Shutdown (TSD) with Hysteresis, Output-Short
Protection (OSP), and Under-Voltage Lockout
(UVLO) with Hysteresis
Low Operating Current (0.4mA) in Burst Mode
Internal Startup Circuit
Internal High-Voltage SenseFET: 650V
Built-in Soft-Start: 15ms
Auto-Restart Mode
Applications
Power Supply for LCD Monitor, STB, and
DVD Combination
Description
The FSL146MRBN is an integrated Pulse Width
Modulation (PWM) controller and SenseFET designed
for offline Switch-Mode Power Supplies (SMPS) with
minimal external components. The PWM controller
includes an integrated fixed-frequency oscillator, Under-
Voltage Lockout (UVLO), Leading-Edge Blanking (LEB),
optimized gate driver, internal soft-start, temperature-
compensated
precise
current
sources
for
loop
compensation, and self-protection circuitry. Compared
with a discrete MOSFET and PWM controller solution,
the FSL146MRBN can reduce total cost, component
count, size, and weight; while simultaneously increasing
efficiency, productivity, and system reliability. This
device provides a basic platform suited for cost-effective
design of a flyback converter.
Ordering Information
Part Number
Package
Operating
Junction
Temperature
Current
Limit
RDS(ON)
(Max.)
Output Power Table
(2)
Replaces
Device
230VAC ± 15%
(3)
85-265VAC
Adapter
(4)
Open
Frame
(5)
Adapter
(4)
Open
Frame
(5)
FSL146MRBN
8-DIP
-
40°C ~
+125°C
1.50A
2.6
23W
35W
17W
26W
FSFM260
N
Notes:
1.
Lead-free package per JEDEC J-STD-020B.
2.
The junction temperature can limit the maximum output power.
3.
230VAC or 100/115VAC with voltage doubler.
4.
Typical continuous power in a non-ventilated enclosed adapter measured at 50
C ambient temperature.
5.
Maximum practical continuous power in an open-frame design at 50
C ambient temperature.


유사한 부품 번호 - FSL146MRBN

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FSL14 GOOD-ARK-FSL14 Datasheet
365Kb / 4P
   Surface Mount Schottky Rectifier
logo
Fuzetec Technology Co.,...
FSL140F-N FUZETEC-FSL140F-N Datasheet
98Kb / 3P
   Axial Leaded Low Rho PTC Resettable Fuse: FSL-N Series
logo
GOOD-ARK Electronics
FSL14 GOOD-ARK-FSL14_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
More results

유사한 설명 - FSL146MRBN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com