전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSL156MRIN 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSL156MRIN
상세설명  Green-Mode Fairchild Power Switch (FPS??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL156MRIN 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSL156MRIN Datasheet HTML 2Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 3Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 4Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 5Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 6Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 7Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 8Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 9Page - Fairchild Semiconductor FSL156MRIN Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL156MRIN • Rev. 1.0.0
6
Electrical Characteristics (Continued)
TJ = 25C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Total Device Section
IOP
Operating Supply Current,
(Control Part in Burst Mode)
VCC=14V, VFB=0V
0.3
0.4
0.5
mA
IOPS
Operating Switching Current,
(Control Part and SenseFET Part)
VCC=14V, VFB=2V
1.1
1.5
1.9
mA
ISTART
Start Current
VCC=11V (Before VCC
Reaches VSTART)
85
120
155
µA
ICH
Startup Charging Current
VCC=VFB=0V, VSTR=40V
0.7
1.0
1.3
mA
VSTR
Minimum VSTR Supply Voltage
VCC=VFB=0V, VSTR Sweep
26
V
Notes:
11. These parameters are guaranteed; not 100% tested in production.
12. tLEB includes gate turn-on time.


유사한 부품 번호 - FSL156MRIN

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSL156MRIN ONSEMI-FSL156MRIN Datasheet
1Mb / 15P
   Green-Mode Power Switch (FPS??
April 2018 Rev. 2
More results

유사한 설명 - FSL156MRIN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com