전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSL206MRBN 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FSL206MRBN
상세설명  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL206MRBN 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FSL206MRBN Datasheet HTML 3Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 4Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 5Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 6Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 7Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 8Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 9Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 10Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL206MR • Rev. 1.0.5
7
Typical Performance Characteristics
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
‐40
‐25
0
25
50
75
90
110
115
Operating Frequency (fOSC)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
‐40
‐25
0
25
50
75
90
110
HV Regulator Voltage (VHVR)
Figure 4.
Operating Frequency vs. Temperature
Figure 5.
HV Regulator Voltage vs. Temperature
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
‐40℃
‐25℃
0℃
25℃
50℃
75℃
90℃
110℃
Start Theshold Voltage (VSTART)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
‐40℃
‐25℃
0℃
25℃
50℃
75℃
90℃
110℃
Stop Theshold Voltage (VSTOP)
Figure 6. Start Threshold Voltage vs. Temperature
Figure 7. Stop Threshold Voltage vs. Temperature
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
‐40℃
‐25℃
0℃
25℃
50℃
75℃
90℃
110℃
Feedback Source Current (IFB)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
‐40℃
‐25℃
0℃
25℃
50℃
75℃
90℃
110℃
Peak Current Limit (ILIM)
Figure 8. Feedback Source Current vs. Temperature
Figure 9.
Peak Current Limit vs. Temperature


유사한 부품 번호 - FSL206MRBN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSL206MRBN FAIRCHILD-FSL206MRBN Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FSL206MRBN ONSEMI-FSL206MRBN Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
More results

유사한 설명 - FSL206MRBN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com