전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2054D4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2054D4
상세설명  1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2054D4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2054D4 Datasheet HTML 1Page - Texas Instruments TPA2054D4 Datasheet HTML 2Page - Texas Instruments TPA2054D4 Datasheet HTML 3Page - Texas Instruments TPA2054D4 Datasheet HTML 4Page - Texas Instruments TPA2054D4 Datasheet HTML 5Page - Texas Instruments TPA2054D4 Datasheet HTML 6Page - Texas Instruments TPA2054D4 Datasheet HTML 7Page - Texas Instruments TPA2054D4 Datasheet HTML 8Page - Texas Instruments TPA2054D4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
FMTuner
Codec
MP3
8 Speaker
Stereo
HeadphoneJack
Left
SE
Right
SE
Left
SE
Right
SE
8 Speaker
ABB
Mono+
Mono-
TPA2054D4
StereoClassD
plus
DirectPath™
TPA2054D4
www.ti.com ..................................................................................................................................................................................................... SLOS607 – APRIL 2009
1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath™ HEADPHONE
AMPLIFIER AND 3:1 INPUT MUX
23
• Stereo Class-D Amp:
1.4 W into 8
Ω from 5.0 V (10% THD + N)
The TPA2054D4 features a stereo Class-D power
amplifier along with a stereo DirectPath™ headphone
1.25 W into 8
Ω from 5.0 V (1% THD + N)
amplifier. The TPA2054D4 has a mono differential
• DirectPath™ Stereo Headphone Amplifier
input and two stereo single-ended (SE) inputs that
No Output Capacitors Required
can be configured as one stereo differential input.
Both input channels have a 32-step volume control
• Independent Gain Select for Headphone
and the DirectPath headphone amplifier has a 4-level
Amplifier
gain control for coarse volume adjustment. All
• Eight Programmable Maximum Headphone
amplifiers have output short-circuit and thermal-
Voltage Limits
overload protection.
• Two Single-Ended or One Differential Stereo
The Class-D amplifiers deliver 1.25 W into 8
Ω at 1%
Input
THD from a 5.0 V supply, and 700 mW from 3.6 V.
• 3:1 Input MUX with Mode Control
The DirectPath headphone amplifier features an
output voltage limiter to reduce the maximum output
• 32-Step Volume Control for Both Input
power to one of seven possible limits. The voltage
Channels
limiter is programmed through the I2C interface.
• Independent Shutdown for Headphone and
DirectPath eliminates the need for external DC-
Class-D Amplifiers
blocking output capacitors to the headphones. The
• Short-Circuit and Thermal-Overload Protection
built-in charge pump creates a negative supply
• ±8 kV HBM ESD Protection on Headphone
voltage for the headphone amplifier, allowing a 0-V
Outputs
DC bias at the output.
• I2C™ Interface
The DirectPath headphone amplifier gains are +6 dB
• 25-Ball 2,61 mm × 2,61 mm WCSP
(default), 0 dB, –6 dB, and –14 dB, selected through
the I2C interface. This allows the headphone volume
to be different from the loudspeaker volume if both
are used simultaneously.
• Smart Phones / Cellular Phones
• Laptop Computers
The TPA2054D4 has a 3:1 input MUX for audio
source selection. The MUX has mode control which
• Portable Gaming
directs the input-to-output signal path. Mode and gain
• Portable Media Players
controls operate from a 1.8 V compatible I2C
interface.
SIMPLIFIED SYSTEM BLOCK DIAGRAM
The voltage supply range for both the Class-D
amplifiers and the headphone charge pump is 2.5 V
to 5.5 V. The Class-D amplifiers use a combined 7
mA and the headphone amplifier uses 10 mA of
typical
quiescent
current.
Total
supply
current
reduces to less than 2
µA.
The TPA2054D4YZK is available in a 25-ball 2,61
mm × 2,61 mm WCSP package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath is a trademark of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA2054D4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKR TI1-TPA2054D4AYZKR Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4AYZKT TI1-TPA2054D4AYZKT Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
More results

유사한 설명 - TPA2054D4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2050D4 TI-TPA2050D4 Datasheet
917Kb / 29P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
[Old version datasheet]   2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com