전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2080D1YZGR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2080D1YZGR
상세설명  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1YZGR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA2080D1YZGR Datasheet HTML 4Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 5Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 6Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 7Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 8Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 9Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 10Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 11Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PO − Output Power − W
1m
10m
100m
1
4
0.01
0.1
1
10
100
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
1m
10m
100m
1
5
0.01
0.1
1
10
100
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.01
0.1
1
3
0
20
40
60
80
100
VBAT = 2.8 V
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.01
0.1
1
4
0
20
40
60
80
100
VBAT = 2.8 V
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VBAT = 2.8 V
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VBAT = 2.8 V
VBAT = 3.0 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
TPA2080D1
SLOS733
– JANUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VBAT = 3.6 V, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, EN = VBAT, and Load = 8 Ω + 33 µH, no ferrite bead unless
otherwise specified.
Figure 7. THD+N vs OUTPUT POWER
Figure 8. THD+N vs OUTPUT POWER
Figure 9. TOTAL EFFICIENCY vs OUTPUT POWER
Figure 10. TOTAL EFFICIENCY vs OUTPUT POWER
Figure 11. TOTAL POWER DISSIPATION vs OUTPUT
Figure 12. TOTAL POWER DISSIPATION vs OUTPUT
POWER
POWER
8
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TPA2080D1


유사한 부품 번호 - TPA2080D1YZGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2080D1YZGR TI1-TPA2080D1YZGR Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

유사한 설명 - TPA2080D1YZGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com