전자부품 데이터시트 검색엔진 |
|
SN74CB3T3306DCUR 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
SN74CB3T3306DCUR 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 15 page SN74CB3T3306 SCDS119B – JANUARY 2003 – REVISED AUGUST 2012 www.ti.com Electrical Characteristics (1) over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT VIK VCC = 3 V, II = –18 mA –1.2 V VOH See Figure 3 and Figure 4 IIN Control inputs VCC = 3.6 V, VIN = 3.6 V to 5.5 V or GND ±10 μA VI = VCC – 0.7 V to 5.5 V ±20 VCC = 3.6 V, Switch ON, II VI = 0.7 V to VCC – 0.7 V –40 μA VIN = VCC or GND VI = 0 to 0.7 V ±5 IOZ (3) VCC = 3.6 V, VO = 0 to 5.5 V, VI = 0, Switch OFF, VIN = VCC or GND ±10 μA Ioff VCC = 0, VO = 0 to 5.5 V, VI = 0 10 μA VI = VCC or GND 20 VCC = 3.6 V, II/O = 0, ICC μA Switch ON or OFF, VIN = VCC or GND VI = 5.5 V 20 VCC = 3 V to 3.6 V, One input at VCC – 0.6 V, ΔICC (4) Control inputs 300 μA Other inputs at VCC or GND Cin Control inputs VCC = 3.3 V, VIN = VCC or GND 3 pF VCC = 3.3 V, VI/O = 5.5 V, 3.3 V, or GND, Switch OFF, Cio(OFF) 4.5 pF VIN = VCC or GND VI/O = 5.5 V or 3.3 V 4 VCC = 3.3 V, Switch ON, Cio(ON) pF VIN = VCC or GND VI/O = GND 15 IO = 24 mA 5 8 VCC = 2.3 V, TYP at VCC = 2.5 V, VI = 0 IO = 16 mA 5 8 ron (5) Ω IO = 64 mA 5 7 VCC = 3 V, VI = 0 IO = 32 mA 5 7 (1) VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins. (2) All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. (3) For I/O ports, the parameter IOZ includes the input leakage current. (4) This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. (5) Measured by the voltage drop between A and B terminals at the indicated current through the switch. ON-state resistance is determined by the lower of the voltages of the two (A or B) terminals. Switching Characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2) VCC = 2.5 V VCC = 3.3 V FROM TO ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX tpd (1) A or B B or A 0.15 0.25 ns ten OE A or B 1 8.5 1 6.5 ns tdis OE A or B 1 9 1 9 ns (1) The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). 4 Submit Documentation Feedback Copyright © 2003–2012, Texas Instruments Incorporated Product Folder Links: SN74CB3T3306 |
유사한 부품 번호 - SN74CB3T3306DCUR |
|
유사한 설명 - SN74CB3T3306DCUR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |