전자부품 데이터시트 검색엔진 |
|
SN74CBT3306CPWRE4 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN74CBT3306CPWRE4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 14 page SN74CBT3306C DUAL FET BUS SWITCH 5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION SCDS127A − SEPTEMBER 2003 − REVISED OCTOBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Control input voltage range, VIN (see Notes 1 and 2) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Switch I/O voltage range, VI/O (see Notes 1, 2, and 3) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Control input clamp current, IIK (VIN < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I/O port clamp current, II/OK (VI/O < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ON-state switch current, II/O (see Note 4) ±128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND terminals ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 5): D package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 149 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltages are with respect to ground unless otherwise specified. 2. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 3. VI and VO are used to denote specific conditions for VI/O. 4. II and IO are used to denote specific conditions for II/O. 5. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 6) MIN MAX UNIT VCC Supply voltage 4 5.5 V VIH High-level control input voltage 2 5.5 V VIL Low-level control input voltage 0 0.8 V VI/O Data input/output voltage 0 5.5 V TA Operating free-air temperature −40 85 °C NOTE 6: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
유사한 부품 번호 - SN74CBT3306CPWRE4 |
|
유사한 설명 - SN74CBT3306CPWRE4 |