전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LV4052ATDRQ1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LV4052ATDRQ1
상세설명  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4052ATDRQ1 데이터시트(HTML) 3 Page - Texas Instruments

  SN74LV4052ATDRQ1 Datasheet HTML 1Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 2Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 3Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 4Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV4052ATDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN74LV4052A-Q1
www.ti.com
SCLS469D
– MARCH 2003 – REVISED JUNE 2011
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage range
–0.5 V to 7 V
VI
Input voltage range(2)
–0.5 V to 7 V
VIO
Switch I/O voltage range(2) (3)
–0.5 V to VCC + 0.5 V
IIK
Input clamp current
VI < 0
–20 mA
IIOK
I/O diode current
VIO < 0
–50 mA
IT
Switch through current
VIO = 0 to VCC
±25 mA
Continuous current through VCC or GND
±50 mA
D package
73
°C/W
θJA
Package thermal impedance(4)
PW package
108
°C/W
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 5.5 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2(2)
5.5
V
VCC = 2 V
1.5
VCC = 2.3 V to 2.7 V
VCC × 0.7
High-level input voltage,
VIH
V
control inputs
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 2 V
0.5
VCC = 2.3 V to 2.7 V
VCC × 0.3
Low-level input voltage,
VIL
V
control inputs
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VIO
Input/output voltage
0
VCC
V
VCC = 2.3 V to 2.7 V
200
Δt/Δv
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
ns/V
VCC = 4.5 V to 5.5 V
20
TA
Operating free-air temperature
SN74LV4052ATDRQ1,SN74LV4052ATPWRQ1
–40
105
°C
TA
Operating free-air temperature
SN74LV4052AQPWRQ1
–40
125
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
With supply voltages at or near 2 V, the analog switch on-state resistance becomes very nonlinear. It is recommended that only digital
signals be transmitted at these low supply voltages.
Copyright
© 2003–2011, Texas Instruments Incorporated
3


유사한 부품 번호 - SN74LV4052ATDRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LV4052ATDREP TI1-SN74LV4052ATDREP Datasheet
477Kb / 12P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - SN74LV4052ATDRQ1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com