전자부품 데이터시트 검색엔진 |
|
ADC0801S040TS 데이터시트(PDF) 8 Page - Integrated Device Technology |
|
ADC0801S040TS 데이터시트(HTML) 8 Page - Integrated Device Technology |
8 / 18 page 3ADC0801S040_3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 8 of 18 Integrated Device Technology ADC0801S040 Single 8 bits ADC, up to 40 MHz [1] In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock must not be less than 1 ns. [2] Analog input voltages producing code 0 up to and including code 255: a) Voffset BOTTOM is the difference between the analog input which produces data equal to 00 and the reference voltage on pin RB (VRB) at Tamb = 25 C. b) Voffset TOP is the difference between the reference voltage on pin RT (VRT) and the analog input which produces data outputs equal to code 255 at Tamb = 25 C. [3] To ensure the optimum linearity performance of such a converter architecture the lower and upper extremities of the converter reference resistor ladder are connected to pins RB and RT via offset resistors ROB and ROT as shown in Figure 3. a) The current flowing into the resistor ladder is I VRT VRB – ROB RL ROT ++ --------------------------------------- = and the full-scale input range at the converter, to cover code 0 to 255 is VI RL IL RL ROB RL ROT ++ --------------------------------------- VRT VRB + 0.838 VRT VRB – == = b) Since RL, ROB and ROT have similar behavior with respect to process and temperature variation, the ratio RL ROB RL ROT ++ --------------------------------------- will be kept reasonably constant from device to device. Consequently variation of the output codes at a given input voltage depends mainly on the difference VRT VRB and its variation with temperature and supply voltage. When several ADCs are connected in parallel and fed with the same reference source, the matching between each of them is optimized. [4] The analog bandwidth is defined as the maximum input sine wave frequency which can be applied to the device. No glitches greater than 2 LSB, nor any significant attenuation is observed in the reconstructed signal. [5] The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale input (square wave signal) in order to sample the signal and obtain correct output data. [6] Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8000 acquisition points per equivalent fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency (Nyquist frequency). Conversion to signal-to-noise ratio: S/N = ENOB 6.02 + 1.76 dB. [7] Measurement carried out using video analyzer VM700A, where video analog signal is reconstructed through a DAC. [8] Output data acquisition: the output data is available after the maximum delay time of td(o). Differential phase[7] dif differential phase PAL modulated ramp - 0.25 - deg Timing (fclk = 40 MHz; CL = 20 pF); see Figure 4[8] td(s) sampling delay time - - 5 ns th(o) output hold time 5 - - ns td(o) output delay time VDDO = 4.75 V 8 12 15 ns VDDO = 3.15 V 8 17 20 ns VDDO = 2.7 V 8 18 21 ns 3-state output delay times; see Figure 5 tdHZ active HIGH to float delay time - 14 18 ns tdZL float to active LOW delay time - 16 20 ns tdZH float to active HIGH delay time - 16 20 ns tdLZ active LOW to float delay time - 14 18 ns Table 6. Characteristics …continued VDDA = V5 to V6 = 3.3 V; VDDD = V3 to V4 = 3.3 V; VDDO = V20 to V11 = 3.3 V; VSSA, VSSD and VSSO shorted together; Vi(a)(p-p) = 1.84 V; CL = 20 pF; Tamb = 0 C to 70 C; typical values measured at Tamb = 25 C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit |
유사한 부품 번호 - ADC0801S040TS |
|
유사한 설명 - ADC0801S040TS |