전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1002S020HL 데이터시트(PDF) 7 Page - Integrated Device Technology

부품명 ADC1002S020HL
상세설명  Single 10 bits ADC, up to 20 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1002S020HL 데이터시트(HTML) 7 Page - Integrated Device Technology

Back Button ADC1002S020HL Datasheet HTML 3Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 4Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 5Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 6Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 7Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 8Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 9Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 10Page - Integrated Device Technology ADC1002S020HL Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADC1002S020_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
7 of 18
Integrated Device Technology
ADC1002S020
Single 10 bits ADC, up to 20 MHz
Vref(dif)
differential reference
voltage
VRT  VRB
1.9
2.1
3.0
V
Iref
reference current
-
7.2
-
mA
Rlad
ladder resistance
-
290
-
TCRlad
ladder resistor
temperature coefficient
-
539
-
m
/K
-
1860
-
ppm
Voffset
offset voltage
BOTTOM
[2] -
135
-
mV
TOP
[2] -
135
-
mV
Vi(p-p)
peak-to-peak input
voltage
[3] 1.66
1.83
2.35
V
Digital outputs D9 to D0 and IR (Referenced to VSSD)
VOL
LOW-level output
voltage
IO = 1 mA
0
-
0.5
V
VOH
HIGH-level output
voltage
IO = 1 mA
VDDO 0.5
-
VCCO
V
IOZ
OFF-state output current 0.5 V < VO < VDDO
20
-
+20
A
Switching characteristics; Clock input CLK; see Figure 4[1]
fclk(max)
maximum clock
frequency
20
-
-
MHz
tw(clk)H
HIGH clock pulse width
15
-
-
ns
tw(clk)L
LOW clock pulse width
15
-
-
ns
Analog signal processing (fclk = 20 MHz)
Linearity
INL
integral non-linearity
ramp input; see Figure 6
-
1
2
LSB
DNL
differential non-linearity
ramp input; see Figure 7
-
0.25
0.7
LSB
Input set response; see Figure 8[4]
ts(LH)
LOW to HIGH settling
time
full-scale square wave
-
4
6
ns
ts(HL)
HIGH to LOW settling
time
full-scale square wave
-
4
6
ns
Harmonics; see Figure 9[5]
THD
total harmonic distortion fi = 1 MHz
-
63
-
dB
Signal-to-Noise ratio; see Figure 9[5]
S/N
signal-to-noise ratio
without harmonics;
fi = 1 MHz
-
60
-
dB
Effective bits; see Figure 9[5]
ENOB
effective number of bits
fi = 300 KHz
-
9.5
-
bits
fi = 1 MHz
-
9.3
bits
fi = 3.58 MHz
-
8.0
bits
Table 6.
Characteristics …continued
VDDA = V7 to V9 = 3.3 V; VDDD = V4 to V3 = V18 to V19 = 3.3 V; VDDO = V20 to V21 = 3.3 V; VSSA, VSSD and VSSO shorted
together; Vi(p-p) = 1.83 V; CL = 20 pF; Tamb = 0 C to 70 C; typical values measured at Tamb = 25 C unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - ADC1002S020HL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1002S020HL NXP-ADC1002S020HL Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results

유사한 설명 - ADC1002S020HL

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com