전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1004S050TS 데이터시트(PDF) 7 Page - Integrated Device Technology

부품명 ADC1004S050TS
상세설명  Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1004S050TS 데이터시트(HTML) 7 Page - Integrated Device Technology

Back Button ADC1004S050TS Datasheet HTML 3Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 4Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 5Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 6Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 7Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 8Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 9Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 10Page - Integrated Device Technology ADC1004S050TS Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADC1004S030_040_050_4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
7 of 18
Integrated Device Technology
ADC1004S030/040/050
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rlad
ladder resistance
-
245
-
TCRlad
ladder resistor temperature
coefficient
-
456
-
m
/K
Voffset
offset voltage
BOTTOM;
VRT  VRB = 2.37
[2] -
175
-
mV
TOP;
VRT  VRB = 2.37
[2] -
175
-
mV
Vi(a)(p-p)
peak-to-peak analog input
voltage
[3] 1.7
2.02
2.55
V
Digital outputs D9 to D0 and IR (referenced to OGND)
VOL
LOW-level output voltage
IOL = 1 mA
0
-
0.5
V
VOH
HIGH-level output voltage
IOH = 1 mA
VCCO  0.5
-
VCCO
V
IO
output current
in 3-state mode;
0.5 V < VO < VCCO
20
-
+20
A
Switching characteristics; Clock input CLK; see Figure 4[1]
fclk(max)
maximum clock frequency
ADC1004S030TS
30
-
-
MHz
ADC1004S040TS
40
-
-
MHz
ADC1004S050TS
50
-
-
MHz
tw(clk)H
HIGH clock pulse width
full effective
bandwidth
8.5
-
-
ns
tw(clk)L
LOW clock pulse width
full effective
bandwidth
5.5
-
-
ns
Analog signal processing
Linearity
INL
integral non-linearity
fclk = 40 MHz;
ramp input
-
0.8
2.0
LSB
DNL
differential non-linearity
fclk = 40 MHz;
ramp input
-
0.5
0.9
LSB
Eoffset
offset error
middle code;
VRB = 1.3 V;
VRT = 3.67 V
-
1
-
LSB
EG
gain error
from device to device;
VRB = 1.3 V;
VRT = 3.67 V
[4] -
0.1
-
%
Bandwidth (fclk = 40 MHz)
B
bandwidth
full-scale sine wave
[5] -
15
-
MHz
75 % full-scale sine
wave
-
20
-
MHz
small signal at
mid-scale;
VI = 10 LSB at code
512
-
350
-
MHz
Table 6.
Characteristics …continued
VCCA = V3 to V4 = 4.75 V to 5.25 V; VCCD = V11 to V12 and V28 to V27 = 4.75 V to 5.25 V;
VCCO = V13 to V14 = 3.0 V to 5.25 V; AGND and DGND shorted together; Tamb = 0 C to +70 C; typical values measured at
VCCA = VCCD = 5 V and VCCO = 3.3 V; CL = 15 pF and Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - ADC1004S050TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1004S050TS NXP-ADC1004S050TS Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
More results

유사한 설명 - ADC1004S050TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com