전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1010S125HN-C1 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 ADC1010S125HN-C1
상세설명  Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1010S125HN-C1 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button ADC1010S125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 12Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 13Page - Integrated Device Technology ADC1010S125HN-C1 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 C and CL = 5 pF; minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C
at VDDA =3V, VDDO = 1.8 V; VINP  VINM = 1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified.
[2]
Measured between 20 % to 80 % of VDDO.
[3]
Rise time measured from
50 mV to +50 mV; fall time measured from +50 mV to 50 mV.
LVDS DDR mode timing output: pins D8_D9_P to D0_D1_P, D8_D9_M to D0_D1_M, DAVP and DAVM
tPD
propagation
delay
DATA
3.3
5.1
7.6
2.9
4.6
7.1
2.5
4.2
6.8
2.2
4.0
6.6
ns
DAV
-
2.8
-
-
2.5
-
-
2.3
-
-
2.2
-
ns
tsu
set-up time
-
5.4
-
-
4.1
-
-
2.6
-
-
1.9
-
ns
th
hold time
-
2.2
-
-
2.0
-
-
1.8
-
-
1.7
-
ns
tr
rise time
DATA
[3]
0.5
-
5
0.5
-
5
0.5
-
5
0.5
-
5
ns
DAV
0.18
-
2.4
0.18-
2.4
0.18-
2.4
0.18-
2.4
ns
tf
fall time
DATA
[3]
0.15
-
1.6
0.15
-
1.6
0.15
-
1.6
0.15
-
1.6
ns
Table 8.
Clock input and digital output timing characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1010S065
ADC1010S080
ADC1010S105
ADC1010S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


유사한 부품 번호 - ADC1010S125HN-C1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1010S125HN/C1 NXP-ADC1010S125HN/C1 Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
More results

유사한 설명 - ADC1010S125HN-C1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S PHILIPS-ADC1610S_11 Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com