전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1403D160 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 DAC1403D160
상세설명  Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1403D160 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button DAC1403D160 Datasheet HTML 6Page - Integrated Device Technology DAC1403D160 Datasheet HTML 7Page - Integrated Device Technology DAC1403D160 Datasheet HTML 8Page - Integrated Device Technology DAC1403D160 Datasheet HTML 9Page - Integrated Device Technology DAC1403D160 Datasheet HTML 10Page - Integrated Device Technology DAC1403D160 Datasheet HTML 11Page - Integrated Device Technology DAC1403D160 Datasheet HTML 12Page - Integrated Device Technology DAC1403D160 Datasheet HTML 13Page - Integrated Device Technology DAC1403D160 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DAC1403D160 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
10 of 18
Integrated Device Technology
DAC1403D160
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
[1]
Guaranteed by design.
Table 6.
Band gap
Band gap disable (GAPD)
Band gap input/output (GAPOUT)
Internal band gap
LOW
output (VGAPOUT = 1.2 V)
enable
HIGH
input
disable
014aaa511
Q0 to Q13
tsu(i)
th(i)
CLKN
CLK
IOUT/IOUTN,
QOUT/QOUTN
50 %
I0 to I13,
Fig 5. Input timing diagram
Signal-to-noise ratio
S/N
signal-to-noise ratio
fclk = 80 MHz; BW = Nyquist
fo = 2.5 MHz
-
80
-
dBc
fo = 5 MHz
70
80
-
dBc
fo = 19 MHz
-
78
-
dBc
ACPR
adjacent channel power
ratio
baseband; 5 MHz channel spacing; BW = 3.84 MHz
fo = 2.5 MHz
-
69
-
dBc
fo = 20 MHz
-
71
-
dBc
Table 5.
Characteristics …continued
VCCD = VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = 40 C to +85 C; typical values measured at
VCCD = VCCA = 3.3 V, IO(fs) = 20 mA and Tamb = 25 C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - DAC1403D160

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1403D160HW NXP-DAC1403D160HW Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
More results

유사한 설명 - DAC1403D160

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com