전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC2012T1R0MR 데이터시트(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

부품명 CBC2012T1R0MR
상세설명  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2012T1R0MR 데이터시트(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CBC2012T1R0MR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CBC2012T1R0MR Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
12
wound0103_reli-PRP4
wound0103_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
15.Resistance to soldering
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
CB, CBC, CBL, CBMF Series
LEM Series
Inductance change:Within±5%
LEM2520
No significant abnormality in appearance.
【Test Methods and Remarks】
LEM:
Reflow condition 3 times of reflow over at 220±5℃ for 40sec. MAX, With Peak temperature at 240±5℃ for 5 sec.
MAX.(Refer to a Profile of chart below.)
Flow condition
Solder temperature:260±5℃
Duration:10±1sec. Once
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:
3 times of reflow oven at 230℃ MIN for 40sec. with peak temperature at 260 ℃ for 5sec.
16.Resisitance to solvent
LB, LBC, LBR, LBMF Series
No significant abnormality in appearance
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Solvent temperature:Room temperature
Type of solvent:Isopropyl alcohol
Cleaning conditions:90s. Immersion and cleaning.
17.Thermal shock
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
LEM : Conditions for 1cycle
Step
Temperature(℃) Duration(min)
1
ー40
30
2
+85
30
Number of cycle:100 cycle
Recovery:At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: ー40~+85℃, maintain times 30min. ,100 cycle
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
18.Damp heat life test
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
Temperature:60±2℃
Humidity:90~95%RH
Duration:1000 hrs
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
19.Loading under damp heat life test
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
Temperature:60±2℃
Humidity:90~95%RH
Duration:1000 hrs
Applied current:Rated current
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.


유사한 부품 번호 - CBC2012T1R0MR

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T1R0M TAIYO-YUDEN-CBC2012T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CBC2012T1R0M TAIYO-YUDEN-CBC2012T1R0M Datasheet
284Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2012T1R0M TAIYO-YUDEN-CBC2012T1R0M Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
logo
Kemet Corporation
CBC2012T1R0M-K KEMET-CBC2012T1R0M-K Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T1R0M8 TAIYO-YUDEN-CBC2012T1R0M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

유사한 설명 - CBC2012T1R0MR

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com