전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C2V2 데이터시트(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 BZX55C2V2
상세설명  500mW Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZX55C2V2 데이터시트(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZX55C2V2 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZX55C2V2 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
ZZT @ IZT
ZZK @ IZK
IR @ VR
Type
IZT
Ohms
IZK
Ohms
uA
VR
Min
Max
mA
Max
mA
Max
Max
V
BZX55C2V0
1.88
2.11
5.0
100
1.0
600
100
1.0
BZX55C2V2
2.08
2.33
5.0
100
1.0
600
100
1.0
BZX55C2V4
2.28
2.56
5.0
85
1.0
600
50
1.0
BZX55C2V7
2.51
2.89
5.0
85
1.0
600
10
1.0
BZX55C3V0
2.8
3.2
5.0
85
1.0
600
4.0
1.0
BZX55C3V3
3.1
3.5
5.0
85
1.0
600
2.0
1.0
BZX55C3V6
3.4
3.8
5.0
85
1.0
600
2.0
1.0
BZX55C3V9
3.7
4.1
5.0
85
1.0
600
2.0
1.0
BZX55C4V3
4.0
4.6
5.0
75
1.0
600
1.0
1.0
BZX55C4V7
4.4
5.0
5.0
60
1.0
600
0.5
1.0
BZX55C5V1
4.8
5.4
5.0
35
1.0
550
0.1
1.0
BXZ55C5V6
5.2
6.0
5.0
25
1.0
450
0.1
1.0
BZX55C6V2
5.8
6.6
5.0
10
1.0
200
0.1
2.0
BZX55C6V8
6.4
7.2
5.0
8
1.0
150
0.1
3.0
BZX55C7V5
7.0
7.9
5.0
7
1.0
50
0.1
5.0
BZX55C8V2
7.7
8.7
5.0
7
1.0
50
0.1
6.2
BZX55C9V1
8.5
9.6
5.0
10
1.0
50
0.1
6.8
BZX55C10
9.4
10.6
5.0
15
1.0
70
0.1
7.5
BZX55C11
10.4
11.6
5.0
20
1.0
70
0.1
8.2
BZX55C12
11.4
12.7
5.0
20
1.0
90
0.1
9.1
BZX55C13
12.4
14.1
5.0
26
1.0
110
0.1
10
BZX55C15
13.8
15.6
5.0
30
1.0
110
0.1
11
BZX55C16
15.3
17.1
5.0
40
1.0
170
0.1
12
BZX55C18
16.8
19.1
5.0
50
1.0
170
0.1
14
BZX55C20
18.8
21.2
5.0
55
1.0
220
0.1
15
BZX55C22
20.8
23.3
5.0
55
1.0
220
0.1
17
BZX55C24
22.8
25.6
5.0
80
1.0
220
0.1
18
BZX55C27
25.1
28.9
5.0
80
1.0
220
0.1
20
BZX55C30
28
32
5.0
80
1.0
220
0.1
22
BZX55C33
31
35
5.0
80
1.0
220
0.1
24
BZX55C36
34
38
5.0
80
1.0
220
0.1
27
BZX55C39
37
41
2.5
90
0.5
500
0.1
28
BZX55C43
40
46
2.5
90
0.5
600
0.1
32
BZX55C47
44
50
2.5
110
0.5
700
0.1
35
BZX55C51
48
54
2.5
125
0.5
700
0.1
38
BZX55C56
52
60
2.5
135
0.5
1000
0.1
42
BZX55C62
58
66
2.5
150
0.5
1000
0.1
47
BZX55C68
64
72
2.5
160
0.5
1000
0.1
51
BZX55C75
70
80
2.5
170
0.5
1000
0.1
56
Notes: 1. Tolerance and voltage designation: the type numbers listed have zener voltage as shown.
2. Specials available include: nominal zener voltages between the voltages shown and
tighter voltage, for detailed information on price, availability and delivery.
3. Zener voltage (VZ) measurement: the zener voltage is measured under pulse conditions
such that TJ is more than 2
oC above T
A.
4. Zener impedance (ZZ) derivation: zener impedance is derived from the 60-cycle ac
voltage, which results when an ac current having an RMS value equal to 10% of
the dc zener current (IZT) is superimposed to IZT.
(Volts)
VZ at IZT
BZX55C SERIES
500mW Hermetically Sealed Glass Zener Voltage Regulators
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - BZX55C2V2

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BZX55C2V2 RECTRON-BZX55C2V2 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Micro Commercial Compon...
BZX55C2V2 MCC-BZX55C2V2 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Shenzhen Ping Sheng Ele...
BZX55C2V2 PFS-BZX55C2V2 Datasheet
165Kb / 3P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
New Jersey Semi-Conduct...
BZX55C2V2 NJSEMI-BZX55C2V2 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX55C2V2 EIC-BZX55C2V2 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - BZX55C2V2

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com