전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3152 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3152
상세설명  Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3152 데이터시트(HTML) 5 Page - Texas Instruments

  DAC3152 Datasheet HTML 1Page - Texas Instruments DAC3152 Datasheet HTML 2Page - Texas Instruments DAC3152 Datasheet HTML 3Page - Texas Instruments DAC3152 Datasheet HTML 4Page - Texas Instruments DAC3152 Datasheet HTML 5Page - Texas Instruments DAC3152 Datasheet HTML 6Page - Texas Instruments DAC3152 Datasheet HTML 7Page - Texas Instruments DAC3152 Datasheet HTML 8Page - Texas Instruments DAC3152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DAC3152
DAC3162
www.ti.com
SLAS736D – NOVEMBER 2010 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS – DC SPECIFICATION
DVDD18 = CLKVDD18 = 1.8 V, AVDD33 = 3.3 V, fDAC = 500 MSPS, fOUT = 1 MHz over recommended operating free-air
temperature range, IOUTFS = 20 mA (unless otherwise noted)
DAC3152
DAC3162
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
10
12
Bits
DC ACCURACY
DNL
Differential nonlinearity
±0.1
±0.4
LSB
INL
Integral nonlinearity
±0.15
±0.5
LSB
ANALOG OUTPUT(1)
Gain error
±1.6
±1.6
%FSR
Gain mismatch
±0.2
±0.2
%FSR
Full-scale output current
2
20
2
20
mA
AVDD
AVDD
AVDD
AVDD
Output compliance range
V
+ 0.5
+ 0.5
– 0.5
– 0.5
Output resistance
300
300
k
Output capacitance
5
5
pF
REFERENCE
VREF
Internal reference voltage
1.14
1.2
1.26
1.14
1.2
1.26
V
TEMPERATURE COEFFICIENTS
Gain drift
±60
±60
ppm/°C
Reference-voltage drift
±41
±41
ppm/°C
POWER SUPPLY
AVDD33
3
3.3
3.6
3
3.3
3.6
V
CLKVDD18, DVDD18
1.7
1.8
1.9
1.7
1.8
1.9
V
PSRR
Power-supply rejection ratio
DC tested
±0.1
±0.1
%FSR/V
POWER CONSUMPTION
fDAC = 500 MSPS,
270
310
278
320
mW
fOUT = 10 MHz
PDIS
Power dissipation
Power-down mode: no
clock, DAC on sleep
16
23
17
25
mW
mode, static data pattern
I(AVDD33)
Analog supply current
55
65
56
65
mA
I(DVDD18)
Digital and clock supply current
50
55
53
63
mA
I(CLKVDD)
Operating range
–40
25
85
–40
25
85
°C
(1)
Measured differentially across IOUTAP/N or IOUTBP/N with 25
Ω each to AVDD.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC3152 DAC3162


유사한 부품 번호 - DAC3152

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
More results

유사한 설명 - DAC3152

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com