전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL267452 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL267452
상세설명  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL267452 Datasheet HTML 1Page - Intersil Corporation ISL267452 Datasheet HTML 2Page - Intersil Corporation ISL267452 Datasheet HTML 3Page - Intersil Corporation ISL267452 Datasheet HTML 4Page - Intersil Corporation ISL267452 Datasheet HTML 5Page - Intersil Corporation ISL267452 Datasheet HTML 6Page - Intersil Corporation ISL267452 Datasheet HTML 7Page - Intersil Corporation ISL267452 Datasheet HTML 8Page - Intersil Corporation ISL267452 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL267452
2
FN8255.0
July 26, 2012
Typical Connection Diagram
Pin Configuration
ISL267452
(8 LD SOT-23)
TOP VIEW
VREF
VIN+
VIN–
GND
VDD
SCLK
SDATA
CS
VREFP-P
+
+3V/5V
SUPPLY
µP/µC
VREF
SERIAL
INTERFACE
10µF
0.1µF
VREFP-P
0.1µF
VREF
8
7
6
5
1
2
3
4
VIN+
VIN
GND
VDD
SCLK
SDATA
CS
Pin Descriptions
ISL267452
DESCRIPTION
PIN NAME PIN NUMBER
VDD
8
Supply voltage, +2.7V to 5.25V.
SCLK
7
Serial clock input. Controls digital I/O timing and clocks the conversion.
SDATA
6
Digital conversion output.
CS
5
Chip select input. Controls the start of a conversion.
GND
4
Ground
VIN–
3
Negative analog input.
VIN+
2
Positive analog input.
VREF
1
Reference voltage.


유사한 부품 번호 - ISL267452

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267452 INTERSIL-ISL267452 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
More results

유사한 설명 - ISL267452

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com