전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISLA216S25IR48EV1Z 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISLA216S25IR48EV1Z
상세설명  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S25IR48EV1Z 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISLA216S25IR48EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 10Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 11Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 12Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 13Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 14Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISLA216S
11
FN7996.0
February 2, 2012
FIGURE 11. INTEGRAL NONLINEARITY
FIGURE 12. SNR AND SFDR vs VCM
FIGURE 13. NOISE HISTOGRAM
FIGURE 14. SINGLE-TONE SPECTRUM @ 105MHz
FIGURE 15. SINGLE-TONE SPECTRUM @ 190MHz
FIGURE 16. SINGLE-TONE SPECTRUM @ 363MHz
Typical Performance Curves (Continued)
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C,
AIN =-2dBFS, fIN = 105MHz, fSAMPLE = 250MSPS. (Continued)
-20
-15
-10
-5
0
5
10
15
0
10000
20000
30000
40000
50000
60000
CODE
60
65
70
75
80
85
90
700
800
900
1000
1100
1200
1300
1400
1500
Vcm (mV)
SFDR
SNR
0
20000
40000
60000
80000
100000
120000
140000
ADC CODE
-120
-100
-80
-60
-40
-20
0
0
204060
80
100
120
FREQUENCY (MHz)
AIN = -2.0 dBFS
SNR = 75.1 dBFS
SFDR = 84 dBc
SINAD = 74.7 dBFS
-120
-100
-80
-60
-40
-20
0
0
20
40
60
80
100
120
FREQUENCY (MHz)
AIN = -2.0 dBFS
SNR = 74.1 dBFS
SFDR = 82 dBc
SINAD = 73.4 dBFS
-120
-100
-80
-60
-40
-20
0
0
204060
80
100
120
FREQUENCY (MHz)
AIN = -2.0 dBFS
SNR = 71.9 dBFS
SFDR = 75 dBc
SINAD = 70.5 dBFS


유사한 부품 번호 - ISLA216S25IR48EV1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISLA216S25IR48EV1Z RENESAS-ISLA216S25IR48EV1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

유사한 설명 - ISLA216S25IR48EV1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com