전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS54917 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS54917
상세설명  3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54917 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS54917 Datasheet HTML 3Page - Texas Instruments TPS54917 Datasheet HTML 4Page - Texas Instruments TPS54917 Datasheet HTML 5Page - Texas Instruments TPS54917 Datasheet HTML 6Page - Texas Instruments TPS54917 Datasheet HTML 7Page - Texas Instruments TPS54917 Datasheet HTML 8Page - Texas Instruments TPS54917 Datasheet HTML 9Page - Texas Instruments TPS54917 Datasheet HTML 10Page - Texas Instruments TPS54917 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
−40
0
25
85
125
VI = 3.3 V
IO = 5 A
TJ − Junction Temperature − °C
0
5
10
15
20
25
−40
0
25
85
125
VI = 3.6 V
IO = 9 A
TJ − Junction Temperature − °C
LRds
HRds
250
−40
0
25
85
125
TJ − Junction Temperature − °C
SYNC
≥ 2.5 V
SYNC
≤ 0.8 V
350
450
550
650
750
0.885
0.887
0.889
0.891
0.893
0.895
−40
0
25
85
125
TJ − Junction Temperature − °C
I
L
− LoadCurrent − A
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
6
7
8
9
V
I =3.3V,
T =125 C
J
o
5
400
−40
0
25
85
125
TJ − Junction Temperature − °C
1400
1600
1800
1200
1000
800
600
RT = 100 k
RT = 27 k
−20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
10
10 k
100 k
10 M
f − Frequency − Hz
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
0.885
0.887
0.889
0.891
0.893
0.895
3
3.1
3.2
3.3
3.4
3.5
3.6
VI − Input Voltage − V
2.75
−40
0
25
85
125
TJ − Junction Temperature − °C
3.50
3.65
3.80
3.35
3.20
3.05
2.90
TPS54917
www.ti.com ........................................................................................................................................................................................... SLVS847 – NOVEMBER 2008
DRAIN-SOURCE
DRAIN-SOURCE
INTERNALLY SET
ON-STATE RESISTANCE
ON-STATE RESISTANCE
OSCILLATOR FREQUENCY
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
EXTERNALLY SET
OSCILLATOR FREQUENCY
VOLTAGE REFERENCE
DEVICE POWER LOSSES
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
LOAD CURRENT
Figure 4.
Figure 5.
Figure 6.
ERROR AMPLIFIER
INTERNAL SLOW-START TIME
OUTPUT VOLTAGE REGULATION
vs
vs
INPUT VOLTAGE
OPEN LOOP RESPONSE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS54917


유사한 부품 번호 - TPS54917

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54910 TI1-TPS54910 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54910PWP TI-TPS54910PWP Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910PWP TI1-TPS54910PWP Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

유사한 설명 - TPS54917

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54617 TI1-TPS54617_17 Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI-TPS54617_15 Datasheet
794Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54617 TI-TPS54617 Datasheet
584Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com