전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3172A 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UC3172A
상세설명  Full Bridge Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3172A 데이터시트(HTML) 3 Page - Texas Instruments

  UC3172A Datasheet HTML 1Page - Texas Instruments UC3172A Datasheet HTML 2Page - Texas Instruments UC3172A Datasheet HTML 3Page - Texas Instruments UC3172A Datasheet HTML 4Page - Texas Instruments UC3172A Datasheet HTML 5Page - Texas Instruments UC3172A Datasheet HTML 6Page - Texas Instruments UC3172A Datasheet HTML 7Page - Texas Instruments UC3172A Datasheet HTML 8Page - Texas Instruments UC3172A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VIN Supply Current
Low Range Mode
11
15
mA
High Range Mode
17
23
mA
VC Supply Current
IOUT = 0A, Low Range Mode
1.2
2.5
mA
IOUT = 0A, High Range Mode
1.2
2.5
mA
VL Supply Current
Low Range Mode
0.75
1.1
mA
High Range Mode
0.8
1.2
mA
Total Supply Current
Supplies = 5V, IOUT = 0A, Low Range Mode
13
17
mA
Supplies = 12V, IOUT = 0A, Low Range Mode
14
20
mA
Supplies = 5V, IOUT = 0A, High Range Mode
19
25
mA
Supplies = 12V, IOUT = 0A, High Range Mode
21
29
mA
VL UVLO Threshold
Low to High
2.6
2.8
V
UVLO Threshold Hysteresis
200
mV
Under Voltage (UV) Comparator
Input Bias Current
Max at Either UV Input
−−0.25
−−1.0
µA
UV Thresholds
Low to High, Other Input = 5V
1.28
1.3
1.32
V
UV Threshold Hysteresis
19
24
29
mV
PWROK Vsat
IOUT = 5mA, UV Input Low
0.15
0.45
V
PWROK Leakage
VOUT = 20V
5
µA
Power Amplifiers A and B
Input Offset Voltage
A Amplifier, VCM = 2.5V
4
mV
B Amplifier, VCM = 2.5V
12
mV
Input Bias Current
VCM = 2.5V, Inverting Inputs Only
−−150
−−500
nA
Input Bias Current at Ref. Input
(REFIN
−− CS+)/48kohms, TJ = 25°C
15
21
27
µA/V
CMRR
VCM = 1V to 10V, Supplies = 12V
70
90
dB
PSRR
VIN = 4V to 15V, Vcm = 1.5V
70
90
dB
Large Signal Voltage Gain
Supplies = 12V, VOUT = 1V, IOUT = 300mA to
VOUT = 10V, IOUT =
−−300mA
3.0
20.0
V/mV
Gain Bandwidth Product
A Amplifier (Note 4)
3.5
MHz
B Amplifier (Note 4)
1.0
MHz
Slew Rate
(Note 4)
1.0
V/
µs
High-Side Current Limit
1.1
1.6
A
Output Saturation Voltage
High-Side, IOUT =
−−100mA (Note 5)
0.75
V
High-Side, IOUT =
−−300mA (Note 5)
0.85
V
High-Side, IOUT =
−−550mA (Note 5)
0.95
V
High-Side IOUT =
−−1A (Note 5)
1.15
V
Low-Side, IOUT = 100mA
0.15
V
Low-Side, IOUT = 300mA
0.25
V
Low-Side, IOUT = 550mA
0.3
V
Low-Side, IOUT = 1A
0.5
V
Total Vsat, IOUT = 100mA
0.9
1.2
V
Total Vsat, IOUT = 300mA
1.1
1.4
V
Total Vsat, IOUT = 550mA
1.25
1.6
V
Total Vsat, IOUT = 1A
1.65
2.4
V
Unless otherwise stated, these specifications apply for TA = 0 to +70
°C, VIN = 5V,
VC = VIN = VL, REFIN = VIN/2, RANGE, PARK, and INH = 0V, and TA =TJ.
ELECTRICAL CHARACTERISTICS
UC3172A
3


유사한 부품 번호 - UC3172A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQP TI1-UC3173AQP Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQPTR TI1-UC3173AQPTR Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
More results

유사한 설명 - UC3172A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com