전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CXA1100P 데이터시트(HTML) 13 Page - Sony Corporation

부품명 CXA1100P
상세내용  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo 

CXA1100P 데이터시트(HTML) 13 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 15 page
 13 / 15 page
background image
– 13 –
CXA1100/CXA1101/CXA1102/CXA1163
Switchable Processor with Split Supply
Playback Processor with AUX input
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
C21
C22
NR
ON/OFF
ON
OFF
C25
4.7µ
C24
4.7µ
REC OUT
(–10dBm)
LINE OUT
C23 (10%)
0.68µ
C15
4.7µ
C14
4.7µ
REC OUT
(–10dBm)
LINE OUT
C13 (10%)
0.68µ
R1
(12
%)
43k
C3
10µ
REC/PB
PB
REC
R2
10k
C12
C1
100µ
C11
C2
100µ
PB IN
(–30dBm)
REC IN
(–30dBm)
VEE
PB IN
(–30dBm)
REC IN
(–30dBm)
VCC
3
4
5
6
7
8
9
10
11
12
14
15
1
C21
C22
NR
ON/OFF
ON
OFF
C24
4.7µ
LINE OUT
C13 (10%)
0.68µ
C14
4.7µ
LINE OUT
C13 (10%)
0.68µ
R1
(2%)
43k
C3
10µ
C12
C11
TAPE IN
(–30dBm)
TAPE IN
(–30dBm)
AUX IN
(–30dBm)
VCC
2
C2
100µ
C1
100µ
TAPE/AUX
R2
10k
13
AUX
TAPE
16
AUX IN
(–30dBm)
Note 1) Resistor and capacitor tolerances are ±10% and ±20% respectively unless otherwise specified.
Note 2) When AUX inputs are not necessary, reject R2, C3, C11, C21 and TAPE/AUX switch, and connect Pin 12
to Vcc.
Note 1) Resistor and capacitor tolerances are ±10% and ±20% respectively unless otherwise specified.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn