전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA02H0SK1 데이터시트(Datasheet) 20 Page - Texas Instruments

부품명 TDA02H0SK1
상세내용  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

 20 page
background image
www.ti.com
TLV320AIC3104EVM Software
In similar fashion, the GPIO2 pin can configured as the following using the Function control in the GPIO2
group box.
• An alternate I2S bus
• An interrupt output
• A general-purpose I/O pin
• A digital microphone input
The other controls in this group box work the same as the corresponding controls for GPIO1.
When the control interface for the TLV320AIC3104 is selected to be I2C, the SDA and SCL group boxes
and controls within them are disabled. If SPI mode is selected, however, the SDA and SCL pins can be
used as GPIO, and selected as either inputs or outputs using the SDA Function and SCL Function
controls. The Output Level and Input Level controls function for these pins in the same way that they do
for GPIO1 or GPIO2.
When the control interface for the TLV320AIC3104 is selected to be SPI, the Multifunction Pins group
box and controls within it are disabled, because these pins are used by the SPI bus. When in I2C mode,
however, these controls are enabled. The MFP3 Function control selects MFP3 to be used either as a
General Purpose Input or as the data input line for the alternate I2S bus. The MFP2 Function control
selects MFP2 as either Disabled or as a General Purpose Output. When used as an output, the MFP2
Output Level control sets the output state of the MFP2 pin either high or low. The states of the MFP0,
MFP1 and MP3 inputs are indicated by the three indicator lights on the right-hand side of this group box.
TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
20
SLAU218 – August 2007
Submit Documentation Feedback




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl