전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1315 데이터시트(PDF) 9 Page - Sony Corporation

부품명 CXA1315
상세설명  8-bit D/A Converter Supporting with I2C Bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1315 데이터시트(HTML) 9 Page - Sony Corporation

Back Button CXA1315 Datasheet HTML 3Page - Sony Corporation CXA1315 Datasheet HTML 4Page - Sony Corporation CXA1315 Datasheet HTML 5Page - Sony Corporation CXA1315 Datasheet HTML 6Page - Sony Corporation CXA1315 Datasheet HTML 7Page - Sony Corporation CXA1315 Datasheet HTML 8Page - Sony Corporation CXA1315 Datasheet HTML 9Page - Sony Corporation CXA1315 Datasheet HTML 10Page - Sony Corporation CXA1315 Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
– 9 –
CXA1315M/P
Application Circuit
2SC2785
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
CXA1315M/P
I2C BUS
0.022µ
10µ
+9V
D/A converter output
10k
10k
10k
10k
2SC2785
10k
10k
10k
10k
General-purpose
output port
General-purpose
input port
Slave address for 4Ch and 4Dh
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
Characteristics Diagram
–25
–0.1
D/A converter output temperture
characteristics (REF: 1)
T [°C]
0
255075
0
0.1
Data: 0
Data: 128
Data: 255
Data: 255
Data: 128
Data: 0
VCC = 9V
–25
–0.1
D/A converter output temperture
characteristics (REF: 0)
T [°C]
0
255075
0
0.1
Data: 0
Data: 128
Data: 255
Data: 255
Data: 128
Data: 0
VCC = 9V


유사한 부품 번호 - CXA1315

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1310 CREE-CXA1310 Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427F CREE-CXA1310-0000-000F00H427F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427H CREE-CXA1310-0000-000F00H427H Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227F CREE-CXA1310-0000-000F00J227F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227H CREE-CXA1310-0000-000F00J227H Datasheet
1Mb / 19P
   XLamp
More results

유사한 설명 - CXA1315

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com