전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1352AS 데이터시트(PDF) 2 Page - Sony Corporation

부품명 CXA1352AS
상세설명  2-channel 5 Elements Graphic Equalizer IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1352AS 데이터시트(HTML) 2 Page - Sony Corporation

  CXA1352AS Datasheet HTML 1Page - Sony Corporation CXA1352AS Datasheet HTML 2Page - Sony Corporation CXA1352AS Datasheet HTML 3Page - Sony Corporation CXA1352AS Datasheet HTML 4Page - Sony Corporation CXA1352AS Datasheet HTML 5Page - Sony Corporation CXA1352AS Datasheet HTML 6Page - Sony Corporation CXA1352AS Datasheet HTML 7Page - Sony Corporation CXA1352AS Datasheet HTML 8Page - Sony Corporation CXA1352AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
—2—
CXA1352AS
Pin Description
Pin
Symbol Voltage
I/O
Equivalent circuit
Description
No.
resistance
1
2
20
21
22
4
3
5
18
6
17
7
400 Hz
100 Hz
10 kHz
4 kHz
1 kHz
VOL
BAL
DC1
DC2
IN1
IN2
GND
DVCC
2
DVCC
2
VCC
2
VCC
2
GND
60 k
60 k
25 k
1
2
4
20
21
22
DVCC
VCC
10k
147 40k
20k
GND
DVCC
VCC
9k
147 40k
20k
GND
3
18
VCC
147
30k
GND
5
6
17
VCC
147
50k
50k
1k
5k
GND
7
Graphic equalizer control
pin
DC input
Volume control pin
DC input
Balance control pin
DC input
Connects the DC
feedback capacitor of the
LPF used in the 100 Hz
graphic equalizer
Signal input pin
GND pin


유사한 부품 번호 - CXA1352AS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CXA1355L ETC2-CXA1355L Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - CXA1352AS

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
logo
Mitsubishi Electric Sem...
M5226P MITSUBISHI-M5226P Datasheet
439Kb / 8P
   5-ELEMENT GRAPHIC EQUALIZER IC
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
   5-channel graphic equalizer
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Rohm
BA3822LS ROHM-BA3822LS Datasheet
96Kb / 5P
   5-channel stereo graphic equalizer
logo
Renesas Technology Corp
M5243BFP RENESAS-M5243BFP Datasheet
266Kb / 11P
   3-element 2-ch Graphic Equalizer IC
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
STK301-090 SANYO-STK301-090 Datasheet
206Kb / 9P
   7-Band,2-Channel Electronic Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com