전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1386P 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA1386P
상세설명  8-bit 75MSPS Flash A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1386P 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA1386P Datasheet HTML 3Page - Sony Corporation CXA1386P Datasheet HTML 4Page - Sony Corporation CXA1386P Datasheet HTML 5Page - Sony Corporation CXA1386P Datasheet HTML 6Page - Sony Corporation CXA1386P Datasheet HTML 7Page - Sony Corporation CXA1386P Datasheet HTML 8Page - Sony Corporation CXA1386P Datasheet HTML 9Page - Sony Corporation CXA1386P Datasheet HTML 10Page - Sony Corporation CXA1386P Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
– 7 –
CXA1386P/K
Electrical Characteristics
(Ta = 25°C, AVEE = DVEE = –5.2V, VRT = 0V, VRB = –2V)
Item
Resolution
DC characteristics
Integral linearity error
Differential linearity error
Analg input
Analog input capacitance
Analog input resistance
Input bias current
Reference inputs
Reference resistance
Offset voltage
VRT
VRB
Digital inputs
Logic H level
Logic L level
Logic H current
Logic L current
Input capacitance
Switching characteristics
Maximum conversion rate
Aperture jitter
Sampling delay
Output delay
H pulse width of clock
L pulse width of clock
Digital outputs
Logic H level
Logic L level
Output rising time
Output falling time
Dynamic characteristics
Input bandwidth
S/N ratio
Error rate
Differential gain error
Differential phase error
Power supply
Supply current
Power consumption∗2
n
EIL
EDL
CIN
RIN
IIN
RREF
EOT
EOB
VIH
VIL
IIH
IIL
Fc
Taj
Tds
Tdo
TPW1
TPW0
VOH
VOL
Tr
Tf
DG
DP
IEE
Pd
Fc = 75MSPS
Fc = 75MSPS
VIN = –1V + 0.07Vrms
VIN = –1V
Input connected to –0.8V
Input connected to –1.6V
Error rate 10–9 TPS∗1
RL = 620
Ω to DVEE
RL = 620
Ω to DVEE
RL = 620
Ω to DVEE, 20% to 80%
RL = 620
Ω to DVEE, 80% to 20%
VIN = 2Vp-p
Input frequency at –3dB
Input = 1MHz, FS
Clock = 75MHz
Input = 18.75MHz, FS
Clock = 75MHz
Input = 18.749MHz, FS
Error > 16LSB
Clock = 75MHz
NTSC 40IRE mod. ramp,
Fc = 75MSPS
75
8
0
–1.13
0
–50
75
4.0
6.6
6.6
–1.03
150
–150
8
±0.3
±0.3
17
390
110
18
10
7
10
3.0
6.5
0.9
2.1
46
40
1.0
0.5
–104
580
±0.5
±0.5
200
155
32
24
–1.50
50
50
9.0
–1.62
10–9
bits
LSB
LSB
pF
k
µA
mV
mV
V
V
µA
µA
pF
MSPS
ps
ns
ns
ns
ns
V
V
ns
ns
MHz
dB
dB
TPS∗1
%
deg
mA
mW
Symbol
Condition
Min.
Typ.
Max.
Unit
{
{
}
{
1 TPS: Times Per Sample
2 Pd = I
EE
· VEE +
RREF
(VRT – VRB)2


유사한 부품 번호 - CXA1386P

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1389AQ SONY-CXA1389AQ Datasheet
339Kb / 8P
   Cable Driver for Digital Transfer
More results

유사한 설명 - CXA1386P

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com