전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1391Q 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1391Q
상세설명  Processing IC for Complementary Color Mosaic CCD Camera
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1391Q 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1391Q Datasheet HTML 1Page - Sony Corporation CXA1391Q Datasheet HTML 2Page - Sony Corporation CXA1391Q Datasheet HTML 3Page - Sony Corporation CXA1391Q Datasheet HTML 4Page - Sony Corporation CXA1391Q Datasheet HTML 5Page - Sony Corporation CXA1391Q Datasheet HTML 6Page - Sony Corporation CXA1391Q Datasheet HTML 7Page - Sony Corporation CXA1391Q Datasheet HTML 8Page - Sony Corporation CXA1391Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Description
The CXA1391Q/R is a bipolar IC developed for
signal processing in complementary color mosaic
CCD cameras.
Features
• Low power consumption (170mW)
• Number of delay lines used for signal processing
can
be
selected
according
to
the
system
requirements
• The LPF peripheral to 1H delay line is built in
Structure
Bipolar silicon monolithic IC
Applications
Complementary color mosaic CCD cameras
Absolute Maximum Ratings
• Supply voltage
Vcc
7
V
• Storage temperature Tstg
–55 to +150
°C
• Allowable power dissipation
PD
690
mW
(LQFP: Ta = 25°C, without P.C.B)
Recommended Operating Conditions
• Supply voltage
Vcc
4.75 to 5.25
V
• Ambient temperature Topr
–20 to +75
°C
– 1 –
CXA1391Q/R
E89Z18-ST
Processing IC for Complementary Color Mosaic CCD Camera
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1391Q
64 pin QFP (Plastic)
CXA1391R
64 pin LQFP (Plastic)
CLP
(CLP2)
&
MPX
B
G
R
-CB
CR
Y
C1
Y0
Y1
CS VAP
CS-Y
MAX
CS
Y1
Y2
C0
Y0
Y0
YH1
YH0
YH0
YH1
V-APCN
C0
GC
GC
LPF
LPF
LPF
CLP
(CLP4)
3H
APCN
2H
APCN
LPF
CLP
(CLP2)
CLP
(CLP4)
LPF
r
LPF
WB AMP
MATRIX
LPF
LPF
WB CONTROL
GC
GC
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
GC
CLP
(CLP2)
LPF
C SLICE
WB DC
WB B
WB G
WB R
C-r CONT
GND 1
YL OUT
CS OUT
CS GAIN
R – Y HUE
B – Y HUE
R – Y OUT
B – Y OUT
B – Y GAIN
R – Y GAIN
31
32
17
18
19
20
21
22
23
24
25
26
27
28
29
30
LPF
ABS
S2 IN
S1 IN
CLP C YO
DLY0 OUT
DLY1 OUT
Y1 GAIN
DLY1 IN
DLY2 IN
Y2 GAIN
GND 2
LPF ADJ 1
LPF ADJ 2
LPF ADJ 3
VCC
Y-r CONT
YH IN
49
50
51
52
53
54
55
56
57
58
59
60
63
64
61
62
40
39
38
37
36
35
34
33
41
42
43
44
45
46
47
48
CLP
(CLP4)
CLP
(CLP4)
Block Diagram and Pin Configuration
(Top View)


유사한 부품 번호 - CXA1391Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1390AQ SONY-CXA1390AQ Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1390AR SONY-CXA1390AR Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

유사한 설명 - CXA1391Q

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
logo
ADTech
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
   Multi-CH Power Supply IC for Color CCD Camera
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
logo
Panasonic Semiconductor
AN2125FHS PANASONIC-AN2125FHS Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
logo
Hitachi Semiconductor
KP-DE500 HITACHI-KP-DE500 Datasheet
81Kb / 9P
   EM-CCD Color Camera
logo
Sanyo Semicon Device
LA7265W SANYO-LA7265W Datasheet
569Kb / 23P
   Single-Chip Black and White CCD Camera signal Processing IC
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com