전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1391R 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1391R
상세설명  Processing IC for Complementary Color Mosaic CCD Camera
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1391R 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1391R Datasheet HTML 6Page - Sony Corporation CXA1391R Datasheet HTML 7Page - Sony Corporation CXA1391R Datasheet HTML 8Page - Sony Corporation CXA1391R Datasheet HTML 9Page - Sony Corporation CXA1391R Datasheet HTML 10Page - Sony Corporation CXA1391R Datasheet HTML 11Page - Sony Corporation CXA1391R Datasheet HTML 12Page - Sony Corporation CXA1391R Datasheet HTML 13Page - Sony Corporation CXA1391R Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
– 10 –
CXA1391Q/R
41
ID
ID pulse
(color discrimination pulse)
input pin
(CMOS level VIH = 2.5V)
ID = L C0
→ CR
C1
→ CB
ID = H C0
→ CB
C1
→ CR
1k
15k
147
100k
15k
80µA
40µA
30k
1k
147
100k
147
6k
1k
6k
40µA
147
41
42
43
44
42
B MTX
1.8 to 5V
(Control)
0V
(Preset)
B signal operations MTX
coefficient adjustment pin
(Coefficient 0.22)
Refer to Note 2.
43
CLP C
MPX2
2.7 to 3.1V
Capacitor connecting pin
for MPX clamp
(Clamp at CLP2)
44
CLP C
MPX1
2.7 to 3.1V
5V
0
PIn
No.
Symbol
Pin voltage
Equivalent circuit
Description


유사한 부품 번호 - CXA1391R

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1390AQ SONY-CXA1390AQ Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1390AR SONY-CXA1390AR Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

유사한 설명 - CXA1391R

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
logo
ADTech
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
   Multi-CH Power Supply IC for Color CCD Camera
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
logo
Panasonic Semiconductor
AN2125FHS PANASONIC-AN2125FHS Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
logo
Hitachi Semiconductor
KP-DE500 HITACHI-KP-DE500 Datasheet
81Kb / 9P
   EM-CCD Color Camera
logo
Sanyo Semicon Device
LA7265W SANYO-LA7265W Datasheet
569Kb / 23P
   Single-Chip Black and White CCD Camera signal Processing IC
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com