전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP2650002 데이터시트(PDF) 6 Page - Texas Instruments

부품명 FP2650002
상세설명  Low-Noise Two-Channel 100-MHz Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FP2650002 데이터시트(HTML) 6 Page - Texas Instruments

Back Button FP2650002 Datasheet HTML 2Page - Texas Instruments FP2650002 Datasheet HTML 3Page - Texas Instruments FP2650002 Datasheet HTML 4Page - Texas Instruments FP2650002 Datasheet HTML 5Page - Texas Instruments FP2650002 Datasheet HTML 6Page - Texas Instruments FP2650002 Datasheet HTML 7Page - Texas Instruments FP2650002 Datasheet HTML 8Page - Texas Instruments FP2650002 Datasheet HTML 9Page - Texas Instruments FP2650002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LVCMOS
5 pF
LVCMOS
50 W
Phase Noise Analyzer
RF
50 W
Oscilloscope
CH1
CH2
LVPECL
50 W
50 W
50
(2)
W
V
- 2 V
DD
LVPECL
150
(2)
W
Phase Noise Analyzer
RF
50 W
50 W
CDCM9102
SCAS922
– FEBRUARY 2012
www.ti.com
TEST CONFIGURATIONS
Figure 4. LVCMOS Output Test Load
Figure 5. LVCMOS AC Configuration for Device Test
Figure 6. LVPECL DC Configuration for Device Test
Figure 7. LVPECL AC Configuration for Device Test
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM9102


유사한 부품 번호 - FP2650002

제조업체부품명데이터시트상세설명
logo
NEC
FP2616-I-22 NEC-FP2616-I-22 Datasheet
6Mb / 71P
   Ferrite Cores
More results

유사한 설명 - FP2650002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
   Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Microchip Technology
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com