전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP101-Q1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP101-Q1
상세설명  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101-Q1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP101-Q1 Datasheet HTML 6Page - Texas Instruments TMP101-Q1 Datasheet HTML 7Page - Texas Instruments TMP101-Q1 Datasheet HTML 8Page - Texas Instruments TMP101-Q1 Datasheet HTML 9Page - Texas Instruments TMP101-Q1 Datasheet HTML 10Page - Texas Instruments TMP101-Q1 Datasheet HTML 11Page - Texas Instruments TMP101-Q1 Datasheet HTML 12Page - Texas Instruments TMP101-Q1 Datasheet HTML 13Page - Texas Instruments TMP101-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TMP100-Q1
TMP101-Q1
SBOS581
– SEPTEMBER 2011
www.ti.com
All 12 bits for the Temperature, THIGH, and TLOW registers are used in the comparisons for the ALERT function for
all converter resolutions. The three LSBs in THIGH and TLOW can affect the ALERT output even if the converter is
configured for 9-bit resolution.
SERIAL INTERFACE
The TMP100-Q1 and TMP101-Q1 operate only as slave devices on the I2C bus and SMBus. Connections to the
bus are made via the open-drain I/O lines SDA and SCL. The TMP100-Q1 and TMP101-Q1 support the
transmission protocol for fast (up to 400 kHz) and high-speed (up to 3.4 MHz) modes. All data bytes are
transmitted most significant bit first.
SERIAL BUS ADDRESS
To program the TMP100-Q1 and TMP101-Q1, the master must first address slave devices via a slave address
byte. The slave address byte consists of seven address bits, and a direction bit indicating the intent of executing
a read or write operation. The TMP100-Q1 features two address pins to allow up to eight devices to be
addressed on a single I2C interface. Table 11 describes the pin logic levels used to properly connect up to eight
devices. Float indicates the pin is left unconnected. The state of pins ADD0 and ADD1 is sampled on the first I2C
bus communication and should be set prior to any activity on the interface.
Table 11. Address Pins and Slave Addresses for the
TMP100-Q1
ADD1
ADD0
SLAVE ADDRESS
0
0
1001000
0
Float
1001001
0
1
1001010
1
0
1001100
1
Float
1001101
1
1
1001110
Float
0
1001011
Float
1
1001111
The TMP101-Q1 features one address pin and an ALERT pin, allowing up to three devices to be connected per
bus. Pin logic levels are described in Table 12. The address pins of the TMP100-Q1 and TMP101-Q1 are read
after reset or in response to an I2C address acquire request. Following reading, the state of the address pins is
latched to minimize power dissipation associated with detection.
The TMP101-Q1 features one address pin and an ALERT pin, allowing up to three devices to be connected per
bus. Pin logic levels are described in Table 12. The address pins of the TMP100-Q1 and TMP101-Q1 are read
after reset or in response to an I2C address acquire request. Following reading, the state of the address pins is
latched to minimize power dissipation associated with detection.
Table 12. Address Pins and Slave Addresses for the
TMP101-Q1
ADD0
SLAVE ADDRESS
0
1001000
Float
1001001
1
1001010
BUS OVERVIEW
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP100-Q1 TMP101-Q1


유사한 부품 번호 - TMP101-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

유사한 설명 - TMP101-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com