전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1498S 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXA1498S
상세설명  Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1498S 데이터시트(HTML) 4 Page - Sony Corporation

  CXA1498S Datasheet HTML 1Page - Sony Corporation CXA1498S Datasheet HTML 2Page - Sony Corporation CXA1498S Datasheet HTML 3Page - Sony Corporation CXA1498S Datasheet HTML 4Page - Sony Corporation CXA1498S Datasheet HTML 5Page - Sony Corporation CXA1498S Datasheet HTML 6Page - Sony Corporation CXA1498S Datasheet HTML 7Page - Sony Corporation CXA1498S Datasheet HTML 8Page - Sony Corporation CXA1498S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
– 4 –
CXA1498S/M
12
19
AGC_L
AGC_R
4V
I/O
100k
AGC pins for varying
the input resistance
according to the input
signal level over a
range from 100k
Ω to
several 10
Ω.
12
19
VCC
GND
× 4
VCC
VGS
200
100k
5k
200
10k
13
18
RECIN L
RECIN R
4V
I
50k
Recording equalizer
amplifier input pins.
13
18
VCC
GND
VGS
1.8k
5p
147
VCC
24k
50k
15
16
RECOUT L
RECOUT R
4V
O
147
Recording equalizer
amplifier output pins.
16
5p
VCC
147
GND
× 10
500
× 3
500
VCC
40k
VG
15
20
VG
4V
15k
Connection pin for the
capacitor that eliminates
ripple at the signal
reference voltage.
To each
VGS
3p
VCC
147
GND
VCC
30k
20
× 4
500
× 2
500
30k
14
GND
0V
Ground pin.
GND
14
17
VCC
8V
Power supply voltage
pin.
VCC
17
Pin
No.
Symbol
DC
voltage
I/O
I/O
resistance
Equivalent circuit
Description


유사한 부품 번호 - CXA1498S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1495M SONY-CXA1495M Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results

유사한 설명 - CXA1498S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
logo
Sanyo Semicon Device
LA4165M SANYO-LA4165M Datasheet
409Kb / 16P
   Recording/Playback IC for Micro-Cassette Tape Recorder
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com