전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1563S 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1563S
상세설명  Dolby B-C Type Noise Reduction System with Built-in S type Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1563S 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1563S Datasheet HTML 1Page - Sony Corporation CXA1563S Datasheet HTML 2Page - Sony Corporation CXA1563S Datasheet HTML 3Page - Sony Corporation CXA1563S Datasheet HTML 4Page - Sony Corporation CXA1563S Datasheet HTML 5Page - Sony Corporation CXA1563S Datasheet HTML 6Page - Sony Corporation CXA1563S Datasheet HTML 7Page - Sony Corporation CXA1563S Datasheet HTML 8Page - Sony Corporation CXA1563S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Description
The CXA1563M/S is a bipolar IC incorporating
dual channel Dolby B-C type noise reduction (NR)
system and Dolby S type switch. Dolby B-C-S type
stereo system is completed by using this IC in
conjunction with two CXA1417S or two CXA1417Q.
A reduction in the number of external parts and
small package have been achived due to the fact
that the spectral skewing circuits are all on-chip.
Features
• Few external parts
• Spectral skewing circuit are on-chip
• NR ON/OFF, REC/PB, MPX filter ON/OFF,
Dolby S type switches
• Small package (28-pin SOP, 28-pin SDIP)
• Low current consumption
13mA Typ.
(power supply ±6V)
• Dual channel processors
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
VCC
17
V
• Operating temperature
Topr
–40 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
600 (SOP)
mW
1200 (SDIP)
mW
– 1 –
CXA1563M/S
E93506C5X-ST
Dolby∗ B-C Type Noise Reduction System with Built-in S type Switch
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1563M
28 pin SOP (Plastic)
CXA1563S
28 pin SDIP (Plastic)
This IC is available only to the licensees of Dolby Laboratories Licensing Corporation from whom licensing and applications
information may be obtained.
"Dolby" and the double D symbols are trademarks of Dolby Laboratories Licensing Corporation.


유사한 부품 번호 - CXA1563S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CXA1563S ETC2-CXA1563S Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - CXA1563S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
   Dolby B/C-type Noise Reduction
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com