์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CXA1580Q ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Sony Corporation

๋ถ€ํ’ˆ๋ช… CXA1580Q
์ƒ์„ธ๋‚ด์šฉ  Dolby B Type Noise Reduction System with Playback Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SONY [Sony Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.sony.co.jp
Logo 

CXA1580Q ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 17 page
 3 / 17 page
background image
โ€”3โ€”
CXD1580Q
Pin Description
(Ta=25ยฐC, Vcc=8.0V, no signal)
Pin
Symbol
DC
I/O
Equivalent circuit
Description
No.
value
resistance
1
PBOUT
2.8V
โ€”
30
32
PBFB
1.4V
150k
โ„ฆ
39
33
PBIN
0V
70k
โ„ฆ
34
37
38
2
Vcc
8.0V
โ€”
10
GND
0.0V
โ€”
29
MSGND
35
PBGND
31
PBTC
โ€”
โ€”
40
36
E IREF
1.25V
โ€”
11
MSOUT
โ€”
PBEQ output
PBEQ feedback
PBEQ input
Power supply
Ground
PBEQ capacitance
Connection of reference current
setting resistor for PBEQ block.
MS output
147
42ยต
30ยต
Vcc
GND
31
40
147
10ยต
1.25V
Vcc
GND
36
147
Vcc
GND
10k
VDD=5V
11
Refer to Page 6.
0.0V for
signal
detection;
5.0V for
no signal
detection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn