전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FK18X7R1H473K 데이터시트(PDF) 10 Page - TDK Electronics

부품명 FK18X7R1H473K
상세설명  Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

FK18X7R1H473K 데이터시트(HTML) 10 Page - TDK Electronics

Back Button FK18X7R1H473K Datasheet HTML 4Page - TDK Electronics FK18X7R1H473K Datasheet HTML 5Page - TDK Electronics FK18X7R1H473K Datasheet HTML 6Page - TDK Electronics FK18X7R1H473K Datasheet HTML 7Page - TDK Electronics FK18X7R1H473K Datasheet HTML 8Page - TDK Electronics FK18X7R1H473K Datasheet HTML 9Page - TDK Electronics FK18X7R1H473K Datasheet HTML 10Page - TDK Electronics FK18X7R1H473K Datasheet HTML 11Page - TDK Electronics FK18X7R1H473K Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
(9/11)
003-03 / 20110517 / e4941_fk.fm
• All specifications are subject to change without notice.
FK20 AND FK11 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 6.3 to 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK20 type
FK11 type
X7R
0.68µF
±10%
50
FK20X7R1H684K
FK11X7R1H684K
X7R
1µF
±10%
50
FK20X7R1H105K
FK11X7R1H105K
X7R
1.5µF
±10%
50
FK20X7R1H155K
FK11X7R1H155K
X7R
2.2µF
±10%
50
FK20X7R1H225K
FK11X7R1H225K
X7R
3.3µF
±10%
50
FK20X7R1H335K
FK11X7R1H335K
X7R
4.7µF
±10%
50
FK20X7R1H475K
FK11X7R1H475K
X7R
2.2µF
±10%
25
FK20X7R1E225K
FK11X7R1E225K
X7R
3.3µF
±10%
25
FK20X7R1E335K
FK11X7R1E335K
X7R
4.7µF
±10%
25
FK20X7R1E475K
FK11X7R1E475K
X7R
6.8µF
±10%
25
FK20X7R1E685K
FK11X7R1E685K
X7R
10µF
±10%
25
FK20X7R1E106K
FK11X7R1E106K
X7R
10µF
±10%
16
FK20X7R1C106K
FK11X7R1C106K
X7R
15µF
±20%
16
FK20X7R1C156M
FK11X7R1C156M
X7R
22µF
±20%
16
FK20X7R1C226M
FK11X7R1C226M
X7R
22µF
±20%
10
FK20X7R1A226M
FK11X7R1A226M
X5R
2.2µF
±10%
50
FK20X5R1H225K
FK11X5R1H225K
X5R
3.3µF
±10%
50
FK20X5R1H335K
FK11X5R1H335K
X5R
4.7µF
±10%
25
FK20X5R1E475K
FK11X5R1E475K
X5R
6.8µF
±10%
25
FK20X5R1E685K
FK11X5R1E685K
X5R
10µF
±10%
25
FK20X5R1E106K
FK11X5R1E106K
X5R
10µF
±10%
16
FK20X5R1C106K
FK11X5R1C106K
X5R
15µF
±20%
16
FK20X5R1C156M
FK11X5R1C156M
X5R
22µF
±20%
16
FK20X5R1C226M
FK11X5R1C226M
X5R
15µF
±20%
10
FK20X5R1A156M
FK11X5R1A156M
X5R
22µF
±20%
10
FK20X5R1A226M
FK11X5R1A226M
X5R
22µF
±20%
6.3
FK20X5R0J226M
FK11X5R0J226M
X5R
33µF
±20%
6.3
FK20X5R0J336M
FK11X5R0J336M
X5R
47µF
±20%
6.3
FK20X5R0J476M
FK11X5R0J476M
X5R
68µF
±20%
6.3
FK20X5R0J686M
FK11X5R0J686M
X5R
100µF
±20%
6.3
FK20X5R0J107M
FK11X5R0J107M
X7S
4.7µF
±10%
50
FK20X7S1H475K
FK11X7S1H475K
X7S
6.8µF
±10%
50
FK20X7S1H685K
FK11X7S1H685K
X7S
10µF
±10%
50
FK20X7S1H106K
FK11X7S1H106K
Y5V
4.7µF
+80, –20%
50
FK20Y5V1H475Z
FK11Y5V1H475Z
Y5V
10µF
+80, –20%
50
FK20Y5V1H106Z
FK11Y5V1H106Z
Y5V
10µF
+80, –20%
25
FK20Y5V1E106Z
FK11Y5V1E106Z
Y5V
22µF
+80, –20%
25
FK20Y5V1E226Z
FK11Y5V1E226Z
Y5V
22µF
+80, –20%
16
FK20Y5V1C226Z
FK11Y5V1C226Z
Y5V
47µF
+80, –20%
16
FK20Y5V1C476Z
FK11Y5V1C476Z
Y5V
47µF
+80, –20%
10
FK20Y5V1A476Z
FK11Y5V1A476Z
Y5V
100µF
+80, –20%
6.3
FK20Y5V0J107Z
FK11Y5V0J107Z
5.5max.
5.5max.
5.0
±1.0
4.0max.
4.0max.
Dimensions in mm
FK20
FK11
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


유사한 부품 번호 - FK18X7R1H473K

제조업체부품명데이터시트상세설명
logo
TDK Electronics
FK18X7R1H473K TDK-FK18X7R1H473K Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

유사한 설명 - FK18X7R1H473K

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com