전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FGB7N60UNDF 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FGB7N60UNDF
상세설명  600V, 7A Short Circuit Rated IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB7N60UNDF 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FGB7N60UNDF Datasheet HTML 1Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 2Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 3Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 4Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 5Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 6Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 7Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 8Page - Fairchild Semiconductor FGB7N60UNDF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FGB7N60UNDF Rev. A
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Electrical Characteristics of the Diode T
C = 25°C unless otherwise noted
Qg
Total Gate Charge
VCE = 400V, IC = 7A,
VGE = 15V
-
18
-
nC
Qge
Gate to Emitter Charge
-
3
-
nC
Qgc
Gate to Collector Charge
-
13
-
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VFM
Diode Forward Voltage
IF = 7A
TC = 25
oC
-
1.7
2.2
V
TC = 125
oC
-
1.6
trr
Diode Reverse Recovery Time
IF =7A, dIF/dt = 200A/µs
TC = 25
oC
-
32.3
ns
TC = 125
oC
-
70
Qrr
Diode Reverse Recovery Charge
TC = 25
oC
-
59
nC
TC = 125
oC
-
172
-


유사한 부품 번호 - FGB7N60UNDF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGB20N60SFD FAIRCHILD-FGB20N60SFD Datasheet
433Kb / 9P
   600V, 20A Field Stop IGBT
FGB20N6S2 FAIRCHILD-FGB20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB20N6S2D FAIRCHILD-FGB20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB20N6S2D FAIRCHILD-FGB20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results

유사한 설명 - FGB7N60UNDF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGPF10N60UNDF FAIRCHILD-FGPF10N60UNDF Datasheet
826Kb / 9P
   600V, 10A Short Circuit Rated IGBT
FGPF15N60UNDF FAIRCHILD-FGPF15N60UNDF Datasheet
913Kb / 9P
   600V, 15A Short Circuit Rated IGBT
FGP10N60UNDF FAIRCHILD-FGP10N60UNDF Datasheet
819Kb / 9P
   600V, 10A Short Circuit Rated IGBT
FGP15N60UNDF FAIRCHILD-FGP15N60UNDF Datasheet
826Kb / 9P
   600V, 15A Short Circuit Rated IGBT
FGB5N60UNDF FAIRCHILD-FGB5N60UNDF Datasheet
794Kb / 9P
   600V, 5A Short Circuit Rated IGBT
logo
STMicroelectronics
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com